Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4425IDD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4425IDD
Description  Linear SuperCap Charger with Current-Limited Ideal Diode and V/I Monitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4425IDD Datasheet(HTML) 5 Page - Linear Technology

  LTC4425IDD Datasheet HTML 1Page - Linear Technology LTC4425IDD Datasheet HTML 2Page - Linear Technology LTC4425IDD Datasheet HTML 3Page - Linear Technology LTC4425IDD Datasheet HTML 4Page - Linear Technology LTC4425IDD Datasheet HTML 5Page - Linear Technology LTC4425IDD Datasheet HTML 6Page - Linear Technology LTC4425IDD Datasheet HTML 7Page - Linear Technology LTC4425IDD Datasheet HTML 8Page - Linear Technology LTC4425IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4425
5
4425p
TYPICAL PERFORMANCE CHARACTERISTICS
Charge Current
vs (VIN–VOUT) Differential
PROG Pin Voltage
vs (VIN – VOUT) Differential
VIN Quiescent Current vs Supply
and Temperature (VIN ≥ VOUT)
Charge Current vs Temperature in
Thermal Regulation
Charge Current vs VOUT in
Thermal Regulation
VOUT Quiescent Current vs VOUT
and Temperature (VIN ≥ VOUT)
LDO Regulation Voltage
vs Charge Current
LDO Regulation Voltage
vs Temperature
Charger FET On-Resistance
vs Supply
IOUT (mA)
0
3.255
3.290
3.285
3.280
3.275
3.270
3.265
3.260
3.295
200
1000
1200
400
600
800
3586 G35
VIN = 3.8V, IOUT = 10mA
RPROG = 1k
VOUT SET FOR 3.3V
TEMPERATURE (°C)
–45
3.277
3.285
3.284
3.283
3.282
3.281
3.280
3.278
3.279
3.286
–30
30
45
60
75
90
–15
0
15
4425 G02
VIN = 3.8V
VOUT SET FOR 3.3V
INPUT VOLTAGE (V)
2.7
0
70
60
50
40
30
10
20
80
3
4.2
4.5
4.8
3.3
3.6
3.9
4425 G03
25°C
90°C
–45°C
VIN TO VOUT DIFFERENTIAL (V)
0
0
1000
800
600
200
400
1200
0.1
0.5 0.6 0.7 0.8 0.9
1
0.2 0.3 0.4
4425 G04
NORMAL MODE
VIN = 3.8V
RPROG = 1k
LDO MODE (FB GROUNDED)
VIN TO VOUT DIFFERENTIAL (V)
0
0
1000
800
400
200
600
1200
0.1
0.5 0.6 0.7 0.8 0.9
1
0.2 0.3 0.4
4425 G05
VIN = 3.8V
RPROG = 1k
NORMAL MODE
LDO MODE (FB GROUNDED)
TEMPERATURE (°C)
–45
0
20
15
5
10
25
–25
55
75
–5
15
35
4425 G06
VIN = 3.8V
VIN = 2.7V
TEMPERATURE (°C)
–45
0
800
1000
600
200
400
1200
–30
30 45 60 75 90 105 120
–15 0
15
4425 G07
VIN = 3.8V, VOUT = 3.5V
RPROG = 1k, FB GROUNDED
OUTPUT VOLTAGE (V)
0
0
2000
2500
1500
500
1000
3000
0.5
2.5
3
3.5
4
4.5
1
1.5
2
4425 G08
THERMAL REGULATION
ON-CHIP POWER DISSIPATION ~4W
CASE TEMP ~100°C
VIN = 5V
PROG PIN SHORTED TO GND
FB PIN SHORTED TO GND
AMBIENT TEMP 24°C
TEMPERATURE (°C)
–45
0
8
10
12
14
16
18
6
2
4
20
–25
55
75
–5
15
35
4425 G09
VIN = 3.8V
VIN < VOUT
VOUT = 2.7V


Similar Part No. - LTC4425IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4425 LINER-LTC4425 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Analog Devices
LTC4425 AD-LTC4425 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
logo
Linear Technology
LTC4425 LINER-LTC4425_15 Datasheet
249Kb / 20P
   Linear SuperCap Charger with Current-Limited Ideal Diode and V/I Monitor
More results

Similar Description - LTC4425IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4425 LINER-LTC4425_15 Datasheet
249Kb / 20P
   Linear SuperCap Charger with Current-Limited Ideal Diode and V/I Monitor
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4235 LINER-LTC4235 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Texas Instruments
TPS65200 TI1-TPS65200 Datasheet
2Mb / 60P
[Old version datasheet]   LI BATTERY CHARGER WITH WLED DRIVER AND CURRENT SHUNT MONITOR
TPS65200 TI1-TPS65200_15 Datasheet
2Mb / 63P
[Old version datasheet]   Li Battery Charger With WLED Driver and Current Shunt Monitor
logo
Linear Technology
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com