Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4425EDDPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4425EDDPBF
Description  Linear SuperCap Charger with Current-Limited Ideal Diode and V/I Monitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4425EDDPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4425EDDPBF Datasheet HTML 5Page - Linear Technology LTC4425EDDPBF Datasheet HTML 6Page - Linear Technology LTC4425EDDPBF Datasheet HTML 7Page - Linear Technology LTC4425EDDPBF Datasheet HTML 8Page - Linear Technology LTC4425EDDPBF Datasheet HTML 9Page - Linear Technology LTC4425EDDPBF Datasheet HTML 10Page - Linear Technology LTC4425EDDPBF Datasheet HTML 11Page - Linear Technology LTC4425EDDPBF Datasheet HTML 12Page - Linear Technology LTC4425EDDPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC4425
9
4425p
OPERATION
The LTC4425 is a linear charger designed to charge a
two-cell supercap stack by employing a constant-current,
constant-voltage, and constant-temperature architecture. It
has two modes of operation: charge current profile mode
(also referred to as normal mode) and LDO mode. In LDO
mode, the LTC4425 charges the top of the stack to an
externally programmed output voltage with a fixed charge
current that is also externally programmable. In charge
current profile mode, the LTC4425 charges the top of the
stack to the input voltage VIN with a charge current that
varies based on the input-to-output differential voltage.
LDO Mode
In LDO mode, the output voltage VOUT is programmed
by an external resistor divider network consisting of
RFB1 and RFB2 via the FB pin and the charge current is
programmed by an external resistor RPROG via the PROG
pin. Please refer to the Block Diagram shown in Figure
1. The charger control circuitry consists of a constant-
current amplifier and a constant-voltage amplifier. When
the part is enabled to charge a discharged supercap stack,
initially the constant-current amplifier is in control and
servos the PROG pin voltage to 1V. The current through
the PROG resistor gets multiplied by approximately 1000,
the ratio of the sense MOSFET (MPSNS) and the power
MOSFET (MPSW), to charge the supercap stack. As the
output voltage VOUT gets close to the programmed value,
the constant-voltage amplifier takes over and backs off
the charge current as necessary to maintain the FB pin
voltage equal to an internal reference voltage of 1.2V.
Since the PROG pin current is always about 1/1000 of the
charge current, the PROG pin voltage continues to give
an indication of the actual charge current even when the
constant-voltage amplifier is in control.
Charge Current Profile or Normal Mode
The LTC4425 is in charge current profile mode when the
FB pin is shorted to the input voltage VIN. In this mode
of operation, the constant-voltage amplifier is internally
disabled but the charge current is still programmed by the
external RPROG resistor. The charger provides 1/10 of the
programmed charge current if the input-to-output voltage
differential (VIN–VOUT) is more than 750mV to limit the
power dissipation within the chip. As this differential voltage
decreases from 750mV, the charge current increases
linearly to its full programmed value when VOUT is within
250mV or closer to VIN. As VOUT rises further, the voltage
across the charger FET gets too small to support the full
charge current. So the charge current gradually falls off
and the charger FET enters into its triode (ohmic) region of
operation (see Figure 2). Since the charger FET RDS(ON) is
approximately 50mΩ, with a programmed charge current
of 2A, the FET will enter the ohmic (triode) region and the
charge current will start to fall off when VOUT is within
about 100mV of VIN.
Figure 2. Different Regions of Charge Current Profile
IDEAL DIODE
CONTROL REGION
OHMIC
REGION
FULL CHARGE
CURRENT
REGION
LINEAR CHARGE
CURRENT REGION
1/10 CHARGE
CURRENT REGION
0.3A
2A
0.2A
15
100
250
750
VIN – VOUT (mV)
4425 F02
The Ideal Diode Controller
When the input-to-output differential approaches 15mV,
the ideal diode controller takes over the control from the
constant-current amplifier and backs off the charge cur-
rent by pulling up the gate of the charger FET as much
as necessary to maintain a 15mV delta across the FET
(see Figure 2). As a result, VOUT can only be charged to
15mV below VIN. In the event VIN suddenly drops below
VOUT, the controller will quickly turn the FET completely
off to prevent any loss of charge due to the reverse flow
of charge from the supercap back to the supply.


Similar Part No. - LTC4425EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4425 LINER-LTC4425 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Analog Devices
LTC4425 AD-LTC4425 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
logo
Linear Technology
LTC4425 LINER-LTC4425_15 Datasheet
249Kb / 20P
   Linear SuperCap Charger with Current-Limited Ideal Diode and V/I Monitor
More results

Similar Description - LTC4425EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4425 LINER-LTC4425_15 Datasheet
249Kb / 20P
   Linear SuperCap Charger with Current-Limited Ideal Diode and V/I Monitor
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4235 LINER-LTC4235 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Texas Instruments
TPS65200 TI1-TPS65200 Datasheet
2Mb / 60P
[Old version datasheet]   LI BATTERY CHARGER WITH WLED DRIVER AND CURRENT SHUNT MONITOR
TPS65200 TI1-TPS65200_15 Datasheet
2Mb / 63P
[Old version datasheet]   Li Battery Charger With WLED Driver and Current Shunt Monitor
logo
Linear Technology
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com