Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3868EUFD-1PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3868EUFD-1PBF
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868EUFD-1PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3868EUFD-1PBF Datasheet HTML 1Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 2Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 3Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 4Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 5Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 6Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 7Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 8Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LTC3868-1

38681fb
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN1,2 = 5V, EXTVCC = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TG1,2tr
TG1,2tf
TGTransitionTime:
RiseTime
FallTime
(Note6)
CLOAD=3300pF
CLOAD=3300pF
25
16
ns
ns
BG1,2tr
BG1,2tf
BGTransitionTime:
RiseTime
FallTime
(Note6)
CLOAD=3300pF
CLOAD=3300pF
28
13
ns
ns
TG/BGt1D
TopGateOfftoBottomGateOnDelay
SynchronousSwitch-OnDelayTime
CLOAD=3300pFEachDriver
30
ns
BG/TGt1D
BottomGateOfftoTopGateOnDelay
TopSwitch-OnDelayTime
CLOAD=3300pFEachDriver
30
ns
tON(MIN)
MinimumOn-Time
(Note7)
95
ns
INTVCC Linear Regulator
VINTVCCVIN
InternalVCCVoltage
6V<VIN<24V,VEXTVCC=0V
4.85
5.1
5.35
V
VLDOVIN
INTVCCLoadRegulation
ICC=0mAto50mA,VEXTVCC=0V
0.7
1.1
%
VINTVCCEXT
InternalVCCVoltage
6V<VEXTVCC<13V
4.85
5.1
5.35
V
VLDOEXT
INTVCCLoadRegulation
ICC=0mAto50mA,VEXTVCC=8.5V
0.6
1.1
%
VEXTVCC
EXTVCCSwitchoverVoltage
EXTVCCRampingPositive
4.5
4.7
4.9
V
VLDOHYS
EXTVCCHysteresis
250
mV
Oscillator and Phase-Locked Loop
f25kΩ
ProgrammableFrequency
RFREQ=25k,PLLIN/MODE=DCVoltage
105
kHz
f65kΩ
ProgrammableFrequency
RFREQ=65k,PLLIN/MODE=DCVoltage
375
440
505
kHz
f105kΩ
ProgrammableFrequency
RFREQ=105k,PLLIN/MODE=DCVoltage
835
kHz
fLOW
LowFixedFrequency
VFREQ=0V,PLLIN/MODE=DCVoltage
320
350
380
kHz
fHIGH
HighFixedFrequency
VFREQ=INTVCC,PLLIN/MODE=DCVoltage
485
535
585
kHz
fSYNC
SynchronizableFrequency
PLLIN/MODE=ExternalClock
l
75
850
kHz
PGOOD1 Output
VPGL
PGOOD1VoltageLow
IPGOOD=2mA
0.2
0.4
V
IPGOOD
PGOOD1LeakageCurrent
VPGOOD=5V
±1
µA
VPG
PGOOD1TripLevel
VFBwithRespecttoSetRegulatedVoltage
VFBRampingNegative
Hysteresis
–13
–10
2.5
–7
%
%
VFBwithRespecttoSetRegulatedVoltage
VFBRampingPositive
Hysteresis
7
10
2.5
13
%
%
tPG
DelayforReportingaFault(PGOODLow)
25
µs
Note 1:StressesbeyondthoselistedunderAbsoluteMaximumRatings
maycausepermanentdamagetothedevice.ExposuretoanyAbsolute
MaximumRatingsforextendedperiodsmayaffectdevicereliabilityand
lifetime.
Note 2:TheLTC3868E-1isguaranteedtomeetperformancespecifications
from0°Cto85°C.Specificationsoverthe–40°Cto85°Coperating
temperaturerangeareassuredbydesign,characterizationandcorrelation
withstatisticalprocesscontrols.TheLTC3868I-1isguaranteedoverthe
full–40°Cto85°Coperatingtemperaturerange.
Note 3:TJiscalculatedfromtheambienttemperatureTAandpower
dissipationPDaccordingtothefollowingformula:
TJ=TA+(PD•θJA)
where
θJA=43°CfortheQFNpackageandθJA=90°CfortheSSOP
package.
Note 4:TheLTC3868-1istestedinafeedbackloopthatservosVITH1,2toa
specifiedvoltageandmeasurestheresultantVFB1,2.
Note 5:Dynamicsupplycurrentishigherduetothegatechargebeing
deliveredattheswitchingfrequency.SeeApplicationsinformation.
Note 6:Riseandfalltimesaremeasuredusing10%and90%levels.Delay
timesaremeasuredusing50%levels.
Note 7:Theminimumon-timeconditionisspecifiedforaninductor
peak-to-peakripplecurrent≥40%ofIMAX(SeeMinimumOn-Time
ConsiderationsintheApplicationsInformationsection).


Similar Part No. - LTC3868EUFD-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3868EUH LINER-LTC3868EUH Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868EUHPBF LINER-LTC3868EUHPBF Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868EUHTRPBF LINER-LTC3868EUHTRPBF Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3868EUFD-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com