Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3858IUFD-1TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3858IUFD-1TRPBF
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3858IUFD-1TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3858IUFD-1TRPBF Datasheet HTML 4Page - Linear Technology LTC3858IUFD-1TRPBF Datasheet HTML 5Page - Linear Technology LTC3858IUFD-1TRPBF Datasheet HTML 6Page - Linear Technology LTC3858IUFD-1TRPBF Datasheet HTML 7Page - Linear Technology LTC3858IUFD-1TRPBF Datasheet HTML 8Page - Linear Technology LTC3858IUFD-1TRPBF Datasheet HTML 9Page - Linear Technology LTC3858IUFD-1TRPBF Datasheet HTML 10Page - Linear Technology LTC3858IUFD-1TRPBF Datasheet HTML 11Page - Linear Technology LTC3858IUFD-1TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LTC3858-1

38581fb
pin FuncTions (QFN/SSOP)
SENSE1, SENSE2(Pin 2, Pin 4/Pin 8, Pin 10):The(–)
InputtotheDifferentialCurrentComparators.Whengreater
thanINTVCC–0.5V,theSENSEpinsuppliescurrentto
thecurrentcomparator.
FREQ (Pin 3/Pin 5):TheFrequencyControlPinforthe
InternalVoltage-ContolledOscillator(VCO).Connecting
thispintoGNDforcestheVCOtoafixedlowfrequency
of350kHz.ConnectingthispintoINTVCCforcestheVCO
toafixedhighfrequencyof535kHz.Otherfrequencies
between50kHzand900kHzcanbeprogrammedusinga
resistorbetweenFREQandGND.Aninternal20µApull-
upcurrentdevelopsthevoltagetobeusedbytheVCOto
controlthefrequency
PLLIN/MODE (Pin 4/Pin 6): External Synchronization
Input to Phase Detector and Forced Continuous Mode
Input.Whenanexternalclockisappliedtothispin,the
phase-lockedloopwillforcetherisingTG1signaltobe
synchronizedwiththerisingedgeoftheexternalclock.
Whennotsynchronizingtoanexternalclock,thisinput,
which acts on both controllers, determines how the
LTC3858-1 operates at light loads. Pulling this pin to
groundselectsBurstModeoperation.Aninternal100k
resistor to ground also invokes Burst Mode operation
whenthepinisfloated.TyingthispintoINTVCCforces
continuousinductorcurrentoperation.Tyingthispinto
avoltagegreaterthan1.2VandlessthanINTVCC–1.3V
selectspulse-skippingoperation.
SGND (Pin 5, Exposed Pad Pin 29/Pin 7):Small-signal
ground common to both controllers, must be routed
separatelyfromhighcurrentgroundstothecommon(–)
terminalsoftheCINcapacitors.Theexposedpad(QFN
only) must be soldered to the PCB for rated thermal
performance.
RUN1, RUN2 (Pin 6, Pin 8/Pin 7, Pin 9):DigitalRun
ControlInputsforEachController.Forcingeitherofthese
pinsbelow1.2Vshutsdownthatcontroller.Forcingbothof
thesepinsbelow0.7VshutsdowntheentireLTC3858-1,
reducingquiescentcurrenttoapproximately8µA.DoNOT
floatthesepins.
INTVCC vs Load Current
Latch-Off Threshold Voltage
vs Temperature
Typical perForMance characTerisTics
LOAD CURRENT (mA)
0
5.10
5.15
5.20
160
3858 G26
5.05
5.00
4.95
20 40 60 80 100 120 140
180 200
EXTVCC = 0V
VIN = 12V
EXTVCC = 8V
TEMPERATURE (°C)
–45
1.2
1.3
1.5
1.6
1.7
2.3
2.2
1.9
5
55
80
3858 G27
1.4
2.0
2.1
1.8
–20
30
105 130
ARMING THRESHOLD
LATCH-OFF THRESHOLD


Similar Part No. - LTC3858IUFD-1TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3858IUH LINER-LTC3858IUH Datasheet
541Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858IUHPBF LINER-LTC3858IUHPBF Datasheet
541Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858IUHTRPBF LINER-LTC3858IUHTRPBF Datasheet
541Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3858IUFD-1TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com