Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6655BHMS8-5PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6655BHMS8-5PBF
Description  0.25ppm Noise, Low Drift Precision Buffered Reference Family
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6655BHMS8-5PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6655BHMS8-5PBF Datasheet HTML 1Page - Linear Technology LTC6655BHMS8-5PBF Datasheet HTML 2Page - Linear Technology LTC6655BHMS8-5PBF Datasheet HTML 3Page - Linear Technology LTC6655BHMS8-5PBF Datasheet HTML 4Page - Linear Technology LTC6655BHMS8-5PBF Datasheet HTML 5Page - Linear Technology LTC6655BHMS8-5PBF Datasheet HTML 6Page - Linear Technology LTC6655BHMS8-5PBF Datasheet HTML 7Page - Linear Technology LTC6655BHMS8-5PBF Datasheet HTML 8Page - Linear Technology LTC6655BHMS8-5PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC6655

6655fa
Typical applicaTion
DescripTion
0.25ppm Noise, Low Drift
Precision Buffered
Reference Family
The LTC®6655 is a complete family of precision bandgap
voltage references, offering exceptional noise and drift
performance. This low noise and drift is ideally suited for
thehighresolutionmeasurementsrequiredbyinstrumenta-
tion and test equipment. In addition, the LTC6655 is fully
specified over the temperature range of –40°C to 125°C,
ensuring its suitability for demanding automotive and
industrialapplications.Advancedcurvaturecompensation
allowsthisbandgapreferencetoachieveadriftoflessthan
2ppm/°C with a predictable temperature characteristic
and an output voltage accurate to ±0.025%, reducing or
eliminating the need for calibration.
The LTC6655 can be powered from as little as 500mV
above the output voltage to as much as 13.2V. Superior
load regulation with source and sink capability, coupled
with exceptional line rejection, ensures consistent per-
formance over a wide range of operating conditions. A
shutdown mode is provided for low power applications.
Available in a small MSOP package, the LTC6655 family
of references is an excellent choice for demanding preci-
sion applications.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Basic Connection
FeaTures
applicaTions
n
Low Noise: 0.25ppmP-P (0.1Hz to 10Hz)
625nVP-P for the LTC6655-2.5
n
Low Drift: 2ppm/°C Max
n
High Accuracy: ±0.025% Max
n
Fully Specified from –40°C to 125°C
n
100% Tested at –40°C, 25°C and 125°C
n
Load Regulation: <10ppm/mA
n
Sinks and Sources Current: ±5mA
n
Low Dropout: 500mV
n
Maximum Supply Voltage: 13.2V
n
Low Power Shutdown: <20µA Max
n
Available Output Voltages: 1.25V, 2.048V, 2.5V, 3V,
3.3V, 4.096V, 5V
n
Available in an 8-Lead MSOP Package
n
Instrumentation and Test Equipment
n
High Resolution Data Acquisition Systems
n
Weigh Scales
n
Precision Battery Monitors
n
High Temperature Applications
n
Precision Regulators
n
Medical Equipment
n
High Output Current Precision Reference
LTC6655-2.5
VIN
SHDN
COUT
10µF
VOUT
6655 TA01a
VOUT_F
VOUT_S
3V < VIN ≤ 13.2V
GND
CIN
0.1µF
Low Frequency 0.1Hz to 10Hz Noise (LTC6655-2.5)
500nV/DIV
6655 TA01b
1s/DIV


Similar Part No. - LTC6655BHMS8-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6655 LINER-LTC6655 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LTC6655 LINER-LTC6655 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC6655 LINER-LTC6655 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC6655 LINER-LTC6655 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC6655 LINER-LTC6655 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results

Similar Description - LTC6655BHMS8-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655_15 Datasheet
675Kb / 26P
   0.25ppm Noise, Low Drift Precision References
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com