Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3868IGN-1TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3868IGN-1TRPBF
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868IGN-1TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3868IGN-1TRPBF Datasheet HTML 1Page - Linear Technology LTC3868IGN-1TRPBF Datasheet HTML 2Page - Linear Technology LTC3868IGN-1TRPBF Datasheet HTML 3Page - Linear Technology LTC3868IGN-1TRPBF Datasheet HTML 4Page - Linear Technology LTC3868IGN-1TRPBF Datasheet HTML 5Page - Linear Technology LTC3868IGN-1TRPBF Datasheet HTML 6Page - Linear Technology LTC3868IGN-1TRPBF Datasheet HTML 7Page - Linear Technology LTC3868IGN-1TRPBF Datasheet HTML 8Page - Linear Technology LTC3868IGN-1TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LTC3868-1

38681fb
Typical perForMance characTerisTics
Efficiency and Power Loss
vs Output Current
Efficiency vs Load Current
Load Step (Burst Mode Operation)
Load Step
(Forced Continuous Mode)
Load Step (Pulse-Skipping Mode)
Inductor Current at Light Load
Soft Start-Up
Efficiency vs Input Voltage
OUTPUT CURRENT (A)
0.0001
40
50
60
70
80
0.001
0.01
0.1
1
10
38681 G02
30
20
10
0
90
100
VIN = 5V
VIN = 12V
VOUT = 3.3V
FIGURE 12 CIRCUIT
INPUT VOLTAGE (V)
0
90
92
94
38681 G03
88
86
84
80
10
20
5
15
25 28
82
98
96
FIGURE 12 CIRCUIT
VOUT = 3.3V
IOUT = 4A
OUTPUT CURRENT (A)
0.0001
40
50
60
70
80
0.001
0.01
0.1
1
10
38681 G01
30
20
10
0
90
100
10
100
1000
1
0.1
10000
FIGURE 12 CIRCUIT
VIN = 12V
VOUT = 3.3V
Burst Mode
OPERATION
PULSE-
SKIPPING
FCM
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV
20µs/DIV
38681 G04
VOUT = 3.3V
FIGURE 12 CIRCUIT
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV
20µs/DIV
38681 G05
VOUT = 3.3V
FIGURE 12 CIRCUIT
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV
20µs/DIV
38681 G06
VOUT = 3.3V
FIGURE 12 CIRCUIT
Burst Mode
OPERATION
2A/DIV
FORCED
CONTINUOUS
MODE
PULSE-
SKIPPING
MODE
2µs/DIV
38681 G07
VOUT = 3.3V
ILOAD = 200µA
FIGURE 12 CIRCUIT
VOUT2
2V/DIV
VOUT1
2V/DIV
20ms/DIV
38681 G08
FIGURE 12 CIRCUIT


Similar Part No. - LTC3868IGN-1TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3868IUH LINER-LTC3868IUH Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868IUHPBF LINER-LTC3868IUHPBF Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868IUHTRPBF LINER-LTC3868IUHTRPBF Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3868IGN-1TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com