Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1630CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1630CS8
Description  30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1630CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1630CS8 Datasheet HTML 4Page - Linear Technology LT1630CS8 Datasheet HTML 5Page - Linear Technology LT1630CS8 Datasheet HTML 6Page - Linear Technology LT1630CS8 Datasheet HTML 7Page - Linear Technology LT1630CS8 Datasheet HTML 8Page - Linear Technology LT1630CS8 Datasheet HTML 9Page - Linear Technology LT1630CS8 Datasheet HTML 10Page - Linear Technology LT1630CS8 Datasheet HTML 11Page - Linear Technology LT1630CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1630/LT1631

16301fa
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range of 0°C < TA < 70°C. VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+ – 0.1V
VCM = V+ 0.2V
l
l
300
300
1250
1250
µV
µV
VOS TC
Input Offset Voltage Drift (Note 3)
VCM = V+ – 0.1V
l
l
4.5
1.5
7
4
µV/°C
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V+ 0.2V to V+ – 0.1V
l
180
1100
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = V+ 0.2V, V+ – 0.1V (Note 5)
l
300
2000
µV
IB
Input Bias Current
VCM = V+ – 0.1V
VCM = V+ 0.2V
l
l
0
–1200
600
–600
1200
0
nA
nA
∆IB
Input Bias Current Shift
VCM = V+ 0.2V to V+ – 0.1V
l
1200
2400
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ – 0.1V (Note 5)
VCM = V+ 0.2V (Note 5)
l
l
30
30
350
350
nA
nA
IOS
Input Offset Current
VCM = V+ – 0.1V
VCM = V+ 0.2V
l
l
25
25
175
175
nA
nA
∆IOS
Input Offset Current Shift
VCM = V+ 0.2V to V+ – 0.1V
l
50
350
nA
AVOL
Large-Signal Voltage Gain
VO = –14.5V to 14.5V, RL = 10k
VO = –10V to 10V, RL = 2k
l
l
900
600
6000
4000
V/mV
V/mV
Channel Separation
VO = –10V to 10V, RL = 2k
l
112
132
dB
CMRR
Common Mode Rejection Ratio
VCM = V+ 0.2V to V+ – 0.1V
l
88
104
dB
CMRR Match (Channel-to-Channel) (Note 5)
VCM = V+ 0.2V to V+ – 0.1V
l
84
104
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
l
86
100
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = ±5V to ±15V
l
80
104
dB
VOL
Output Voltage Swing Low (Note 6)
No Load
ISINK = 5mA
ISINK = 25mA
l
l
l
19
175
670
45
350
1400
mV
mV
mV
VOH
Output Voltage Swing High (Note 6)
No Load
ISOURCE = 5mA
ISOURCE = 25mA
l
l
l
15
300
1400
40
600
2800
mV
mV
mV
ISC
Short-Circuit Current
l
±28
±57
mA
IS
Supply Current per Amplifier
l
4.6
5.6
mA
GBW
Gain-Bandwidth Product (Note 7)
f = 100kHz
l
14
28
MHz
SR
Slew Rate
AV = –1, RL = Open, VO = ±10V,
Measured at VO = ±5V
l
4.5
9
V/µs


Similar Part No. - LT1630CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1630CS8 LINER-LT1630CS8 Datasheet
356Kb / 16P
   30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT1630CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1631 LINER-LT1631_15 Datasheet
363Kb / 20P
   30MHz, 10V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1630 LINER-LT1630_15 Datasheet
363Kb / 20P
   30MHz, 10V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1630 LINER-LT1630 Datasheet
356Kb / 16P
   30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com