Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2259-16 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2259-16
Description  16-Bit, 80Msps Ultralow Power 1.8V ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2259-16 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2259-16 Datasheet HTML 3Page - Linear Technology LTC2259-16 Datasheet HTML 4Page - Linear Technology LTC2259-16 Datasheet HTML 5Page - Linear Technology LTC2259-16 Datasheet HTML 6Page - Linear Technology LTC2259-16 Datasheet HTML 7Page - Linear Technology LTC2259-16 Datasheet HTML 8Page - Linear Technology LTC2259-16 Datasheet HTML 9Page - Linear Technology LTC2259-16 Datasheet HTML 10Page - Linear Technology LTC2259-16 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
225916f
LTC2259-16
TIMING DIAGRAMS
Double-Data Rate CMOS Output Mode Timing
All Outputs Are Single-Ended and Have CMOS Levels
tH
tD
••
tD
tC
tC
tL
D0N-5
D1N-5
D0N-4
D1N-4
D0N-3
D1N-3
D0N-2
D1N-2
D14N-5
D15N-5 D14N-4
D15N-4
D14N-3
D15N-3
D14N-2
D15N-2
tAP
N + 1
N + 2
N + 4
N + 3
N
ANALOG
INPUT
ENC
ENC+
D0_1
D14_15
CLKOUT+
CLKOUT
225916 TD02
Full-Rate CMOS Output Mode Timing
All Outputs Are Single-Ended and Have CMOS Levels
tH
tD
tC
tL
N – 5
N – 4
N – 3
N – 2
N – 1
tAP
N + 1
N + 2
N + 4
N + 3
N
ANALOG
INPUT
ENC
ENC+
CLKOUT+
CLKOUT
D0-D15
225916 TD01


Similar Part No. - LTC2259-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2259-16 LINER-LTC2259-16 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC2259-16 LINER-LTC2259-16 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LTC2259-16 LINER-LTC2259-16_15 Datasheet
367Kb / 30P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
More results

Similar Description - LTC2259-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2259-16 LINER-LTC2259-16_15 Datasheet
367Kb / 30P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-14 LINER-LTC2259-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-12 LINER-LTC2260-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-14 LINER-LTC2260-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14 Datasheet
467Kb / 32P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com