Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2259IUJ-16 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2259IUJ-16
Description  16-Bit, 80Msps Ultralow Power 1.8V ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2259IUJ-16 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2259IUJ-16 Datasheet HTML 7Page - Linear Technology LTC2259IUJ-16 Datasheet HTML 8Page - Linear Technology LTC2259IUJ-16 Datasheet HTML 9Page - Linear Technology LTC2259IUJ-16 Datasheet HTML 10Page - Linear Technology LTC2259IUJ-16 Datasheet HTML 11Page - Linear Technology LTC2259IUJ-16 Datasheet HTML 12Page - Linear Technology LTC2259IUJ-16 Datasheet HTML 13Page - Linear Technology LTC2259IUJ-16 Datasheet HTML 14Page - Linear Technology LTC2259IUJ-16 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
225916f
LTC2259-16
PIN FUNCTIONS
PINS THAT ARE THE SAME FOR ALL DIGITAL OUTPUT
MODES
AIN+ (Pin 1): Positive Differential Analog Input.
AIN– (Pin 2): Negative Differential Analog Input.
GND (Pin 3, Exposed Pad Pin 41): ADC Power Ground.
REFH (Pins 4, 5): ADC High Reference. Bypass to Pins
6, 7 with a 2.2μF ceramic capacitor and to ground with a
0.1μF ceramic capacitor.
REFL (Pins 6, 7): ADC Low Reference. Bypass to Pins
4, 5 with a 2.2μF ceramic capacitor and to ground with a
0.1μF ceramic capacitor.
PAR/SER (Pin 8): Programming Mode Selection Pin. Con-
nect to ground to enable the serial programming mode.
CS, SCK, SDI, SDO become a serial interface that control
the A/D operating modes. Connect to VDD to enable the
parallel programming mode where CS, SCK, SDI become
parallel logic inputs that control a reduced set of the A/D
operating modes. PAR/SER should be connected directly
to ground or the VDD of the part and not be driven by a
logic signal.
VDD (Pins 9, 10, 40): 1.8V Analog Power Supply. Bypass
to ground with 0.1μF ceramic capacitors. Pins 9 and 10
can share a bypass capacitor.
ENC+ (Pin 11): Encode Input. Conversion starts on the
rising edge.
ENC(Pin 12): Encode Complement Input. Conversion
starts on the falling edge.
CS (Pin 13): In serial programming mode, (PAR/SER =
0V), CS is the serial interface chip select input. When
CS is low, SCK is enabled for shifting data on SDI into
the mode control registers. In the parallel programming
mode (PAR/SER = VDD), CS controls the clock duty cycle
stabilizer. When CS is low, the clock duty cycle stabilizer is
turned off. When CS is high, the clock duty cycle stabilizer
is turned on. CS can be driven with 1.8V to 3.3V logic.
SCK (Pin 14): In serial programming mode, (PAR/SER =
0V), SCK is the serial interface clock input. In the parallel
programming mode (PAR/SER = VDD), SCK controls the
digital output mode. When SCK is low, the full-rate CMOS
output mode is enabled. When SCK is high, the double-
data rate LVDS output mode (with 3.5mA output current)
is enabled. SCK can be driven with 1.8V to 3.3V logic.
SDI (Pin 15): In serial programming mode, (PAR/SER =
0V), SDI is the serial interface data input. Data on SDI is
clocked into the mode control registers on the rising edge
of SCK. In the parallel programming mode (PAR/SER =
VDD), SDI can be used to power down the part. When SDI
is low, the part operates normally. When SDI is high, the
part enters sleep mode. SDI can be driven with 1.8V to
3.3V logic.
SDO (Pin 16): In serial programming mode, (PAR/SER
= 0V), SDO is the optional serial interface data output.
Data on SDO is read back from the mode control registers
and can be latched on the falling edge of SCK. SDO is an
open-drain NMOS output that requires an external 2k
pull-up resistor to 1.8V-3.3V. If read back from the mode
control registers is not needed, the pull-up resistor is not
necessary and SDO can be left unconnected. In the parallel
programming mode (PAR/SER = VDD), SDO is not used
and should not be connected.
OGND (Pin 25): Output Driver Ground.
OVDD (Pin 26): Output Driver Supply. Bypass to ground
with a 0.1μF ceramic capacitor.
VCM (Pin 37): Common Mode Bias Output, Nominally
Equal to VDD/2. VCM should be used to bias the common
mode of the analog inputs. Bypass to ground with a 0.1μF
ceramic capacitor.
VREF (Pin38):ReferenceVoltageOutput.Bypasstoground
with a 1μF ceramic capacitor, nominally 1.25V.
SENSE (Pin 39): Reference Programming Pin. Connecting
SENSE to VDD selects the internal reference and a ±1V input
range. Connecting SENSE to ground selects the internal
reference and a ±0.5V input range. An external reference
between 0.625V and 1.3V applied to SENSE selects an
input range of ±0.8 • VSENSE.


Similar Part No. - LTC2259IUJ-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2259IUJ-12-PBF LINER-LTC2259IUJ-12-PBF Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259IUJ-12-TRPBF LINER-LTC2259IUJ-12-TRPBF Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259IUJ-14-PBF LINER-LTC2259IUJ-14-PBF Datasheet
467Kb / 32P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259IUJ-14-TRPBF LINER-LTC2259IUJ-14-TRPBF Datasheet
467Kb / 32P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
More results

Similar Description - LTC2259IUJ-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2259-16 LINER-LTC2259-16_15 Datasheet
367Kb / 30P
   16-Bit, 80Msps Ultralow Power 1.8V ADC
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-14 LINER-LTC2259-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-12 LINER-LTC2260-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
   12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2260-14 LINER-LTC2260-14_15 Datasheet
796Kb / 34P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14 Datasheet
467Kb / 32P
   14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com