Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6655BHMS8-1.25 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6655BHMS8-1.25
Description  0.25ppm Noise, Low Drift Precision Buffered Reference Family
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6655BHMS8-1.25 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6655BHMS8-1.25 Datasheet HTML 4Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 5Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 6Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 7Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 8Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 9Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 10Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 11Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC6655

6655fa
5V Load Regulation (Sinking)
5V Supply Current
vs Input Voltage
5V Output Voltage Noise
Spectrum
5V Minimum VIN-VOUT
Differential (Sourcing)
5V Minimum VIN-VOUT
Differential (Sinking)
5V Start-Up Response with a
3.3µF Output Capacitor
5V Low Frequency
0.1Hz to 10Hz Noise
5V Output Voltage
Temperature Drift
5V Load Regulation (Sourcing)
Typical perForMance characTerisTics
Characteristic curves are similar for most voltage options of the LTC6655. Curves from the LTC6655-1.25, LTC6655-2.5 and the
LTC6655-5 represent the range of performance across the entire family of references. Characteristic curves for other output voltages
fall between these curves and can be estimated based on their voltage output.
TEMPERATURE (°C)
–50
4.9985
4.9990
4.9995
5.0000
5.0010
5.0005
–25
0
25
50
6655 G26
75
100 125
3 TYPICAL UNITS
500nV/
DIV
6655 G25
1s/DIV
OUTPUT CURRENT (mA)
0.01
–50
–10
0
10
0.1
1
10
6655 G27
–20
–30
–40
125°C
25°C
–40°C
OUTPUT CURRENT (mA)
0.01
–20
60
80
100
0.1
1
10
6655 G28
40
20
0
125°C
25°C
–40°C
INPUT VOLTAGE (V)
0
4
5
6
6
10
6655 G29
3
2
2
4
8
12
14
1
0
125°C
25°C
–40°C
FREQUENCY (kHz)
0.01
80
100
120
140
160
0.1
1
10
100
1000
6655 G30
60
40
20
0
180
200
2.7µF
10µF
100µF
INPUT-OUTPUT VOLTAGE (V)
0.01
0.01
1
10
0.1
1
6655 G31
0.1
125°C
25°C
–40°C
INPUT-OUTPUT VOLTAGE (V)
–0.3
0.01
0.1
1
10
–0.2
–0.1
0
0.1
6655 G32
125°C
25°C
–40°C
VIN
2V/DIV
VOUT
2V/DIV
COUT = 3.3µF
400µs/DIV
6655 G33


Similar Part No. - LTC6655BHMS8-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6655 LINER-LTC6655 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LTC6655 LINER-LTC6655 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC6655 LINER-LTC6655 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC6655 LINER-LTC6655 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC6655 LINER-LTC6655 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results

Similar Description - LTC6655BHMS8-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655_15 Datasheet
675Kb / 26P
   0.25ppm Noise, Low Drift Precision References
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com