Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD232G726DF8N-D43 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HYMD232G726DF8N-D43
Description  184pin Registered DDR SDRAM DIMMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD232G726DF8N-D43 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HYMD232G726DF8N-D43 Datasheet HTML 1Page - Hynix Semiconductor HYMD232G726DF8N-D43 Datasheet HTML 2Page - Hynix Semiconductor HYMD232G726DF8N-D43 Datasheet HTML 3Page - Hynix Semiconductor HYMD232G726DF8N-D43 Datasheet HTML 4Page - Hynix Semiconductor HYMD232G726DF8N-D43 Datasheet HTML 5Page - Hynix Semiconductor HYMD232G726DF8N-D43 Datasheet HTML 6Page - Hynix Semiconductor HYMD232G726DF8N-D43 Datasheet HTML 7Page - Hynix Semiconductor HYMD232G726DF8N-D43 Datasheet HTML 8Page - Hynix Semiconductor HYMD232G726DF8N-D43 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev. 1.1 / May.2005
1
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
184pin Registered DDR SDRAM DIMMs based on 256Mb D ver. (FBGA)
FEATURES
ADDRESS TABLE
Organization
Ranks
SDRAMs
# of DRAMs
# of row/bank/column Address
Refresh
Method
256MB
32M x 72
1
32Mb x 8
9
13(A0~A12)/2(BA0,BA1)/10(A0~A9)
8K / 64ms
512MB
64M x 72
1
64Mb x 4
18
13(A0~A12)/2(BA0,BA1)/11(A0~A9,A11)
8K / 64ms
1GB
128M x 72
2
64Mb x 4
36
13(A0~A12)/2(BA0,BA1)/11(A0~A9,A11)
8K / 64ms
PERFORMANCE RANGE
Note:
1. 2.6V ± 0.1V VDD and VDDQ Power supply for DDR400 and 2.5V ± 0.2V for DDR333
Part-Number Suffix
-D431
-J
Unit
Speed Bin
DDR400B
DDR333
-
CL - tRCD- tRP
3-3-3
2.5-3-3
CK
Max Clock Frequency
CL=3
200
-
MHz
CL=2.5
166
166
MHz
CL=2
133
133
MHz
This Hynix Registered Dual In-Line Memory Module (DIMM) series consists of 256Mb D ver. DDR SDRAMs in 60 ball
FBGA package on a 184pin glass-epoxy substrate. This Hynix 256Mb D ver. based Registered DIMM series provide a
high performance 8-byte interface in 5.25" width form factor of industry standard. It is suitable for easy interchange
and addition.
JEDEC Standard 184-pin dual in-line memory module
(DIMM)
Two ranks 128M x 72, and One rank 64M x 72, 32M
x 72 organization
Error Check Correction (ECC) Capability
•2.6V ± 0.1V VDD and VDDQ Power supply for
DDR400 and 2.5V ± 0.2V for DDR333
All inputs and outputs are compatible with SSTL_2
interface
Fully differential clock operations (CK & /CK) with
166/200MHz
DLL aligns DQ and DQS transition with CK transition
Programmable CAS Latency: DDR333(2.5 clock),
DDR400(3 clock)
Programmable Burst Length 2 / 4 / 8 with both
sequential and interleave mode
Edge-aligned DQS with data outs and Center-aligned
DQS with data inputs
Auto refresh and self refresh supported
8192 refresh cycles / 64ms
Serial Presence Detect (SPD) with EEPROM
Built with 256Mb DDR SDRAMs in 60 ball FBGA pack-
ages
JEDEC standard reference layout
Lead-free product listed for each configuration
(RoHS compliant)


Similar Part No. - HYMD232G726DF8N-D43

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726D8-H HYNIX-HYMD232G726D8-H Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726D8-K HYNIX-HYMD232G726D8-K Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726D8M-H HYNIX-HYMD232G726D8M-H Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726D8M-K HYNIX-HYMD232G726D8M-K Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726DP8-H HYNIX-HYMD232G726DP8-H Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
More results

Similar Description - HYMD232G726DF8N-D43

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD564G726BF8N-D43 HYNIX-HYMD564G726BF8N-D43 Datasheet
442Kb / 20P
   184pin Registered DDR SDRAM DIMMs
HYMD564G726CFP8N-D43 HYNIX-HYMD564G726CFP8N-D43 Datasheet
890Kb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726D8-K HYNIX-HYMD232G726D8-K Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
Eorex Corporation
ED382R517-2G4SA-H9R EOREX-ED382R517-2G4SA-H9R_15 Datasheet
1Mb / 51P
   eorex Registered DDR3 SDRAM DIMMs
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMD216646D6-K HYNIX-HYMD216646D6-K Datasheet
375Kb / 30P
   1184pin Unbuffered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com