Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCV0805M25G13 Datasheet(PDF) 1 Page - Dubilier

Part # DCV0805M25G13
Description  SURFACE MOUNT SMD CHIP VARISTORS DCV
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DCV0805M25G13 Datasheet(HTML) 1 Page - Dubilier

  DCV0805M25G13 Datasheet HTML 1Page - Dubilier DCV0805M25G13 Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
143
SURFACE MOUNT
SMD CHIP VARISTORS DCV
SPECIFICATION
Easy solderability
Suitable for ESD protection
Available in 7 or 13” reels
DCV
Range
0603
Case Size
0603
0805
1206
1210
K
Tolerance
K = 10
L = 15
M = 20
25
Voltage
G
Taping Options
G = 7” Reels
G13 = 13” Reels
Operating Temperature:
-55 ~ +125˚C
Storage Temperature:
-55 ~ +150˚C
Resistance to soldering heat:
260˚C, 10 Secs
Response Time:
<0.5ns
Climate Category:
55/125/56
LCT:
-55˚C
UCT:
+85˚C (0603)
+125˚C (0805-2220)
Damp Heat, steady state:
56 days
(93% r.h, 40˚C)
ORDERING INFORMATION
RANGE & SPECIFICATION
OrderCode
VRMS
VDC
iMax
WMax
PMax
V
V
8/20µsA
(2ms)
DCV0603M4G
4
5.5
30
0.1
0.003
DCV0603M6G
6
8
30
0.1
0.003
DCV0603M8G
8
11
30
0.1
0.003
DCV0603M11G
11
14
30
0.2
0.003
DCV0603M14G
14
18
30
0.2
0.003
DCV0805M4G
4
5.5
100
0.1
0.005
DCV0805M6G
6
8
120
0.2
0.005
DCV0805M8G
8
11
120
0.2
0.005
DCV0805M11G
11
14
120
0.2
0.005
DCV0805M14G
14
18
120
0.3
0.005
DCV0805M17G
17
22
120
0.3
0.005
DCV0805M20G
20
26
80
0.3
0.005
DCV0805M25G
25
31
80
0.3
0.005
DCV1206M4G
4
5.5
150
0.3
0.008
DCV1206M6G
6
8
200
0.4
0.008
DCV1206M8G
8
11
200
0.5
0.008
DCV1206M11G
11
14
200
0.5
0.008
DCV1206M14G
14
18
200
0.5
0.008
DCV1206M17G
17
22
200
0.6
0.008
DCV1206M20G
20
26
200
0.7
0.008
DCV1206M25G
25
31
200
1.0
0.008
DCV1206M30G
30
38
200
1.1
0.008
DCV1206M35G
35
45
100
0.4
0.008
DCV1206M40G
40
56
100
0.5
0.008
DCV1206M50G
50
65
100
0.6
0.008
DCV1206M60G
60
85
100
0.7
0.008
DCV1210M4G
4
5.5
250
0.4
0.01
DCV1210M6G
6
8
300
0.7
0.01
DCV1210M8G
8
11
400
1.0
0.01
DCV1210M11G
11
14
400
1.2
0.01
DCV1210M14G
14
18
400
1.5
0.01
DCV1210M17G
17
22
400
1.7
0.01
DCV1210M20G
20
26
400
1.9
0.01
DCV1210M25G
25
31
300
1.7
0.01
DCV1210M30G
30
38
300
2.0
0.01
DCV1210M35G
35
45
250
2.0
0.01
DCV1210M40G
40
56
250
2.3
0.01
DCV1210M50G
50
65
200
1.6
0.01
DCV1210M60G
60
85
200
2.0
0.01


Similar Part No. - DCV0805M25G13

ManufacturerPart #DatasheetDescription
logo
Dubilier
DCV0805M25G13 DUBILIER-DCV0805M25G13 Datasheet
208Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
More results

Similar Description - DCV0805M25G13

ManufacturerPart #DatasheetDescription
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G_11 Datasheet
208Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
YAGEO Corporation
VRS0402KR55R121N YAGEO-VRS0402KR55R121N Datasheet
625Kb / 10P
   SURFACE-MOUNT CERAMIC MULTILAYER CHIP VARISTORS
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com