Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD216646D6-K Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HYMD216646D6-K
Description  1184pin Unbuffered DDR SDRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD216646D6-K Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HYMD216646D6-K Datasheet HTML 6Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 7Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 8Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 9Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 10Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 11Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 12Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 13Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Rev. 1.2 / May. 2005
10
1184pin Unbuffered DDR SDRAM DIMMs
IDD SPECIFICATION AND CONDITIONS (TA=0 to 70oC, Voltage referenced to VSS = 0V)
128MB, 16M x 64 Unbuffered DIMM: HYMD232646D[P]6[J]
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
Test Condition
Speed
Unit
Note
DDR400
DDR333 DDR266A DDR266B
IDD0
One bank; Active - Precharge; tRC=tRC(min);
tCK=tCK(min); DQ,DM and DQS inputs changing
twice per clock cycle; address and control inputs
changing once per clock cycle
360
320
280
280
mA
IDD1
One bank; Active - Read - Precharge; Burst
Length=2; tRC=tRC(min); tCK=tCK(min); address
and control inputs changing once per clock cycle
400
400
360
360
mA
IDD2P
All banks idle; Power down mode; CKE=Low,
tCK=tCK(min)
40
40
40
40
mA
IDD2F
/CS=High, All banks idle; tCK=tCK(min); CKE=
High; address and control inputs changing once
per clock cycle. VIN=VREF for DQ, DQS and DM
240
200
160
160
mA
IDD3P
One bank active; Power down mode; CKE=Low,
tCK=tCK(min)
60
60
60
60
mA
IDD3N
/CS=HIGH; CKE=HIGH; One bank; Active-Pre-
charge; tRC=tRAS(max); tCK=tCK(min); DQ, DM
and DQS inputs changing twice per clock cycle;
Address and other control inputs changing once
per clock cycle
200
180
160
160
mA
IDD4R
Burst=2; Reads; Continuous burst; One bank
active; Address and control inputs changing once
per clock cycle; tCK=tCK(min); IOUT=0mA
800
760
680
680
mA
IDD4W
Burst=2; Writes; Continuous burst; One bank
active; Address and control inputs changing once
per clock cycle; tCK=tCK(min); DQ, DM and DQS
inputs changing twice per clock cycle
800
760
680
680
mA
IDD5
tRC=tRFC(min) - 8*tCK for DDR200 at 100Mhz,
10*tCK for DDR266A & DDR266B at 133Mhz; dis-
tributed refresh
600
600
560
560
mA
IDD6
CKE=<0.2V; External clock on; tCK
=tCK(min)
Normal
12
12
12
12
mA
Low Power
6
66
6
mA
IDD7
Four bank interleaving with BL=4 Refer to the fol-
lowing page for detailed test condition
1000
960
880
880
mA


Similar Part No. - HYMD216646D6-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216646A6-H HYNIX-HYMD216646A6-H Datasheet
252Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD216646A6-K HYNIX-HYMD216646A6-K Datasheet
252Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD216646A6-L HYNIX-HYMD216646A6-L Datasheet
252Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD216646A6-M HYNIX-HYMD216646A6-M Datasheet
252Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD216646A6J-D4 HYNIX-HYMD216646A6J-D4 Datasheet
233Kb / 18P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD216646D6-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD532646B6-H HYNIX-HYMD532646B6-H Datasheet
1Mb / 30P
   1184pin Unbufferd DDR SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726D8-K HYNIX-HYMD232G726D8-K Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com