Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD216646D6-K Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMD216646D6-K
Description  1184pin Unbuffered DDR SDRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD216646D6-K Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMD216646D6-K Datasheet HTML 1Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 2Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 3Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 4Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 5Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 6Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 7Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 8Page - Hynix Semiconductor HYMD216646D6-K Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Rev. 1.2 / May. 2005
4
1184pin Unbuffered DDR SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
/CS0
WP
SCL
SDA
A0
A1
A2
SA0 SA1 SA2
Serial PD
*Clock Wiring
Clock Input
SDRAMs
*CK0, /CK0
*CK1, /CK1
*CK2, /CK2
NC
2 SDRAMs
2 SDRAMs
*Wire per Clock Loading
Table/Wiring Diagrams
Notes :
1. DQ-to-I/O wiring is shown as recommended but may
be changed.
2. DQ/DQS/DM/CKE/S relationships must be maintained
as shown.
3. DQ, DQS, DM/DQS resistors : 22 Ohms ? 5%.
4. VDDID strap connections
(for memory device VDD, VDDQ):
STRAP OUT (OPEN) : VDD = VDDQ
STRAP IN (VSS) : VDD ?V DDQ
5. BAx, Ax, RAS, CAS, WE resistors : 7.5 Ohms ? 5%
BA0-BA1
A0-A13
/RAS
/CAS
CKE0
/WE
BA0-BA1 : SDRAMs D0-D3
A0-A13 : SDRAMs D0-D3
/RAS : SDRAMs D0-D3
/CAS : SDRAMs D0-D3
CKE : SDRAMs D0-D3
/WE : SDRAMs D0-D3
VDD SPD
VDD /VDDQ
VREF
VSS
VDDID
SPD
DO-D3
DO-D3
DO-D3
Strap:see Note 4
LDM
LDQS
D1
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
UDM
UDQS
DM3/DQS12
DQS3
DQ16
DQ17
DM2/DQS11
DQS2
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
/CS
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
LDM
LDQS
D2
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
UDM
UDQS
DM5/DQS14
DQS5
DQ32
DQ33
DM4/DQS13
DQS4
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
/CS
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
LDM
LDQS
D0
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
UDM
UDQS
DM1/DQS10
DQS1
DQ0
DQ1
DM0/DQS9
DQS0
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
/CS
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ8
DQ9
LDM
LDQS
D3
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
UDM
UDQS
DM7/DQS16
DQS7
DQ48
DQ49
DM6/DQS15
DQS6
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
/CS
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
128MB, 16M x 64 Unbuffered DIMM: HYMD216646D[P]6[J]


Similar Part No. - HYMD216646D6-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216646A6-H HYNIX-HYMD216646A6-H Datasheet
252Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD216646A6-K HYNIX-HYMD216646A6-K Datasheet
252Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD216646A6-L HYNIX-HYMD216646A6-L Datasheet
252Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD216646A6-M HYNIX-HYMD216646A6-M Datasheet
252Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD216646A6J-D4 HYNIX-HYMD216646A6J-D4 Datasheet
233Kb / 18P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD216646D6-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD532646B6-H HYNIX-HYMD532646B6-H Datasheet
1Mb / 30P
   1184pin Unbufferd DDR SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726D8-K HYNIX-HYMD232G726D8-K Datasheet
1Mb / 30P
   184pin Registered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com