Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5LS10106ASPGEIQ1R Datasheet(PDF) 6 Page - Texas Instruments

Part # P5LS10106ASPGEIQ1R
Description  16/32-BIT RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P5LS10106ASPGEIQ1R Datasheet(HTML) 6 Page - Texas Instruments

Back Button P5LS10106ASPGEIQ1R Datasheet HTML 2Page - Texas Instruments P5LS10106ASPGEIQ1R Datasheet HTML 3Page - Texas Instruments P5LS10106ASPGEIQ1R Datasheet HTML 4Page - Texas Instruments P5LS10106ASPGEIQ1R Datasheet HTML 5Page - Texas Instruments P5LS10106ASPGEIQ1R Datasheet HTML 6Page - Texas Instruments P5LS10106ASPGEIQ1R Datasheet HTML 7Page - Texas Instruments P5LS10106ASPGEIQ1R Datasheet HTML 8Page - Texas Instruments P5LS10106ASPGEIQ1R Datasheet HTML 9Page - Texas Instruments P5LS10106ASPGEIQ1R Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
SPNS141 – MARCH 2010
www.ti.com
1
TMS570LS Series 16/32-BIT RISC Flash
5.1
Device Identification Code Register
................ 56
Microcontroller
.......................................... 1
5.2
Die-ID Registers
.................................... 58
1.1
Features
.............................................. 1
5.3
PLL Registers
....................................... 59
1.2
Description
........................................... 2
6
Device Electrical Specifications
.................... 60
1.3
Functional Block Diagram
............................ 5
6.1
Operating Conditions
............................... 60
2
Device Overview
........................................ 7
6.2
Absolute Maximum Ratings Over Operating
Free-Air Temperature Range (unless otherwise
2.1
Device Characteristics
............................... 7
noted)
............................................... 60
2.2
Memory
.............................................. 8
6.3
Device Recommended Operating Conditions
...... 60
2.3
Pin Assignments
.................................... 16
6.4
Electrical Characteristics Over Operating Free-Air
2.4
Terminal Functions
................................. 21
Temperature Range
................................ 61
2.5
Device Support
..................................... 34
7
Peripheral and Electrical Specifications
.......... 66
3
Reset / Abort Sources
................................ 36
7.1
Clocks
.............................................. 66
3.1
Reset / Abort Sources
.............................. 36
7.2
ECLK Specification
................................. 69
4
Peripherals
.............................................. 39
7.3
RST And PORRST Timings
........................ 70
4.1
Error Signaling Module (ESM)
...................... 39
7.4
DAP - JTAG Scan Interface Timing
................ 72
4.2
Direct Memory Access (DMA)
...................... 42
7.5
Output Timings
..................................... 73
4.3
High End Timer Transfer Unit (HET-TU)
........... 43
7.6
Input Timings
....................................... 74
4.4
Vectored Interrupt Manager (VIM)
.................. 44
7.7
Flash Timings
....................................... 75
7.8
SPI Master Mode Timing Parameters
.............. 76
4.5
MIBADC Event Trigger Sources
.................... 46
7.9
SPI Slave Mode Timing Parameters
............... 80
4.6
MIBSPI
.............................................. 47
7.10
CAN Controller Mode Timings
...................... 84
4.7
ETM
................................................. 49
7.11
Flexray Controller Mode Timings
................... 84
4.8
Debug Scan Chains
................................ 49
7.12
EMIF Timings
....................................... 85
4.9
CCM
................................................ 51
7.13
ETM Timings
....................................... 87
4.10
LPM
................................................. 52
7.14
RTP Timings
........................................ 88
4.11
Voltage Monitor
..................................... 52
7.15
DMM Timings
....................................... 90
4.12
CRC
................................................ 52
7.16
MibADC
............................................. 91
4.13
System Module
..................................... 52
8
Mechanical Packaging and Orderable
Information
.............................................. 97
4.14
Debug ROM
........................................ 53
8.1
Thermal Data
....................................... 97
4.15
CPU Self Test Controller: STC / LBIST
............ 54
8.2
Packaging Information
.............................. 97
5
Device Registers
....................................... 56
6
Contents
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20216 TMS570LS20206 TMS570LS10216 TMS570LS10206 TMS570LS10116
TMS570LS10106


Similar Part No. - P5LS10106ASPGEIQ1R

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P5L150B PFC-P5L150B Datasheet
641Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150DS PFC-P5L150DS Datasheet
586Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150SP PFC-P5L150SP Datasheet
673Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L200B PFC-P5L200B Datasheet
644Kb / 5P
   5A 200V MOS Schottky Rectifier
P5L200SP PFC-P5L200SP Datasheet
723Kb / 5P
   5A 200V MOS Schottky Rectifier
More results

Similar Description - P5LS10106ASPGEIQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com