Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2263CUJ-14TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2263CUJ-14TRPBF
Description  14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2263CUJ-14TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2263CUJ-14TRPBF Datasheet HTML 1Page - Linear Technology LTC2263CUJ-14TRPBF Datasheet HTML 2Page - Linear Technology LTC2263CUJ-14TRPBF Datasheet HTML 3Page - Linear Technology LTC2263CUJ-14TRPBF Datasheet HTML 4Page - Linear Technology LTC2263CUJ-14TRPBF Datasheet HTML 5Page - Linear Technology LTC2263CUJ-14TRPBF Datasheet HTML 6Page - Linear Technology LTC2263CUJ-14TRPBF Datasheet HTML 7Page - Linear Technology LTC2263CUJ-14TRPBF Datasheet HTML 8Page - Linear Technology LTC2263CUJ-14TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
22654314f
LTC2265-14/
LTC2264-14/LTC2263-14
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
LTC2265-14
LTC2264-14
LTC2263-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
SNR
Signal-to-Noise Ratio
5MHz Input
30MHz Input
70MHz Input
140MHz Input
l 72.3
73.7
73.7
73.5
73
72
73.5
73.4
73.4
72.8
71.4
72.9
72.9
72.8
72.3
dBFS
dBFS
dBFS
dBFS
SFDR
Spurious Free Dynamic Range
2nd or 3rd Harmonic
5MHz Input
30MHz Input
70MHz Input
140MHz Input
l
78
90
90
89
84
79
90
90
89
84
79
90
90
89
84
dBFS
dBFS
dBFS
dBFS
Spurious Free Dynamic Range
4th Harmonic or Higher
5MHz Input
30MHz Input
70MHz Input
140MHz Input
l
85
90
90
90
90
85
90
90
90
90
85
90
90
90
90
dBFS
dBFS
dBFS
dBFS
S/(N+D)
Signal-to-Noise Plus
Distortion Ratio
5MHz Input
30MHz Input
70MHz Input
140MHz Input
l 71.5
73.6
73.5
73.2
72.5
71.6
73.3
73.2
73.1
72.3
70.9
72.8
72.7
72.5
71.9
dBFS
dBFS
dBFS
dBFS
Crosstalk
10MHz Input
–105
–105
–105
dBc
INTERNAL REFERENCE CHARACTERISTICS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
0.5 • VDD – 25mV
0.5 • VDD
0.5 • VDD + 25mV
V
VCM Output Temperature Drift
±25
ppm/°C
VCM Output Resistance
–600μA < IOUT < 1mA
4
Ω
VREF Output Voltage
IOUT = 0
1.225
1.250
1.275
V
VREF Output Temperature Drift
±25
ppm/°C
VREF Output Resistance
–400μA < IOUT < 1mA
7
Ω
VREF Line Regulation
1.7V < VDD < 1.9V
0.6
mV/V


Similar Part No. - LTC2263CUJ-14TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2263CUJ-12PBF LINER-LTC2263CUJ-12PBF Datasheet
1Mb / 32P
   12-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2263CUJ-12TRPBF LINER-LTC2263CUJ-12TRPBF Datasheet
1Mb / 32P
   12-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
More results

Similar Description - LTC2263CUJ-14TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2263-14 LINER-LTC2263-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2265-14 LINER-LTC2265-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2142-14 LINER-LTC2142-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2141-14 LINER-LTC2141-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2140-14 LINER-LTC2140-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2264-14 LINER-LTC2264-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTM9008-14 LINER-LTM9008-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTM9007-14 LINER-LTM9007-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTC2171-14 LINER-LTC2171-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2170-14 LINER-LTC2170-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com