Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6207CGNPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT6207CGNPBF
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207CGNPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6207CGNPBF Datasheet HTML 7Page - Linear Technology LT6207CGNPBF Datasheet HTML 8Page - Linear Technology LT6207CGNPBF Datasheet HTML 9Page - Linear Technology LT6207CGNPBF Datasheet HTML 10Page - Linear Technology LT6207CGNPBF Datasheet HTML 11Page - Linear Technology LT6207CGNPBF Datasheet HTML 12Page - Linear Technology LT6207CGNPBF Datasheet HTML 13Page - Linear Technology LT6207CGNPBF Datasheet HTML 14Page - Linear Technology LT6207CGNPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LT6205/LT6206/LT6207
11
620567fc
TYPICAL PERFORMANCE CHARACTERISTICS
Large Signal Response VS = ±5V
Small Signal Response VS = ±5V
Output-Overdrive Recovery
50ns/DIV
620567 G37
0V
VS = ±5V
AV = 1
RL = 150Ω
50ns/DIV
620567 G38
0V
VS = ±5V
AV = 1
RL = 150Ω
100ns/DIV
620567 G39
0V
0V
VS = 5V, 0V
AV = 2
APPLICATIONS INFORMATION
Figure 1. Simplified Schematic
Q7
Q9
Q10
Q11
Q12
Q8
Q5
Q6
Q3
Q13
Q14
Q4
Q2
Q1
D3
D4
D1
D2
RIN
150Ω
RIN
150Ω
DESD1
DESD2
DESD5
DESD6
DESD3
DESD4
+IN
–IN
I1
I2
I3
R2
R1
R3
I4
R4
R5
COMPLEMENTARY
DRIVE
GENERATOR
CM
V+
V
V+
V
V+
V
V+
V
OUT
620567 F01


Similar Part No. - LT6207CGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6207CGN LINER-LT6207CGN Datasheet
430Kb / 16P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
More results

Similar Description - LT6207CGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6205 LINER-LT6205_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6206 LINER-LT6206_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6205 LINER-LT6205 Datasheet
430Kb / 16P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6207 LINER-LT6207_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com