Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD212G726DS4-K Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HYMD212G726DS4-K
Description  184pin Registered DDR SDRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD212G726DS4-K Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HYMD212G726DS4-K Datasheet HTML 4Page - Hynix Semiconductor HYMD212G726DS4-K Datasheet HTML 5Page - Hynix Semiconductor HYMD212G726DS4-K Datasheet HTML 6Page - Hynix Semiconductor HYMD212G726DS4-K Datasheet HTML 7Page - Hynix Semiconductor HYMD212G726DS4-K Datasheet HTML 8Page - Hynix Semiconductor HYMD212G726DS4-K Datasheet HTML 9Page - Hynix Semiconductor HYMD212G726DS4-K Datasheet HTML 10Page - Hynix Semiconductor HYMD212G726DS4-K Datasheet HTML 11Page - Hynix Semiconductor HYMD212G726DS4-K Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Rev. 1.1 /May. 2005
8
184pin Registered DDR SDRAM DIMMs
ABSOLUTE MAXIMUM RATINGS1
Note:
1. Operation at above absolute maximum rating can adversely affect device reliability
Parameter
Symbol
Rating
Unit
Operating Temperature (Ambient)
TA
0 ~ 70
oC
Storage Temperature
TSTG
-55 ~ 150
oC
Voltage on VDD relative to VSS
VDD
-1.0 ~ 3.6
V
Voltage on VDDQ relative to VSS
VDDQ
-1.0 ~ 3.6
V
Voltage on inputs relative to Vss
VINPUT
-1.0 ~ 3.6
V
Voltage on I/O pins realtive to Vss
VIO
-0.5 ~3.6
V
Output Short Circuit Current
IOS
50
mA
Soldering Temperature
⋅ Time
TSOLDER
260
⋅ 10
oC ⋅ Sec
DC OPERATING CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
Note:
1. VDDQ must not exceed the level of VDD.
2. VIL (min) is acceptable -1.5V AC pulse width with < 5ns of duration.
3. VREF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the dc level of the same. Peak to
peak noise on VREF may not exceed ± 2% of the DC value.
4. VID is the magnitude of the difference between the input level on CK and the input level on /CK.
5. The ratio of the pullup current to the pulldown current is specified for the same temperature and voltage, over the entire tempera-
ture and voltage range, for device drain to source voltages from 0.25V to 1.0V. For a given output, it represents the maximum differ-
ence between pullup and pulldown drivers due to process variation. The full variation in the ratio of the maximum to minimum
pullup and pulldown current will not exceed 1/7 for device drain to source voltages from 0.1 to 1.0.
6. VIN=0 to VDD, All other pins are not tested under VIN =0V.
7. DQs are disabled, VOUT=0 to VDDQ.
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
VDD
2.3
2.5
2.7
V
Power Supply Voltage
VDDQ
2.3
2.5
2.7
V
1
Input High Voltage
VIH
VREF + 0.15
-
VDDQ + 0.3
V
Input Low Voltage
VIL
-0.3
-
VREF - 0.15
V
3
Termination Voltage
VTT
VREF - 0.04
VREF
VREF + 0.04
V
Reference Voltage
VREF
0.49*VDDQ
0.5*VDDQ
0.51*VDDQ
V
4
Input Voltage Level, CK and CK inputs
VIN(DC)
-0.3
-
VDDQ+0.3
V
Input Differential Voltage, CK and CK inputs
VID(DC)
0.36
-
VDDQ+0.6
V
5
V-I Matching: Pullup to Pulldown Current Ratio
VI(RATIO)
0.71
-
1.4
-
6
Input Leakage Current
ILI
-2
-
2
uA
7
Output Leakage Current
ILO
-5
-
5
uA
8
Normal Strength
Output Driver
(VOUT=VTT ± 0.84)
Output High Current
(min VDDQ, min VREF, min VTT)
IOH
-16.8
-
-
mA
Output Low Current
(min VDDQ, max VREF, max VTT)
IOL
16.8
-
-
mA
Half Strength
Output Driver
(VOUT=VTT ± 0.68)
Output High Current
(min VDDQ, min VREF, min VTT)
IOH
-13.6
-
-
mA
Output Low Current
(min VDDQ, max VREF, max VTT)
IOL
13.6
-
-
mA


Similar Part No. - HYMD212G726DS4-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD212G726DF4-D43 HYNIX-HYMD212G726DF4-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD212G726DF4-D43J HYNIX-HYMD212G726DF4-D43J Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD212G726DFP4-D43 HYNIX-HYMD212G726DFP4-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD212G726DFP4-D43J HYNIX-HYMD212G726DFP4-D43J Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
More results

Similar Description - HYMD212G726DS4-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD564G726BF8N-D43 HYNIX-HYMD564G726BF8N-D43 Datasheet
442Kb / 20P
   184pin Registered DDR SDRAM DIMMs
HYMD564G726CFP8N-D43 HYNIX-HYMD564G726CFP8N-D43 Datasheet
890Kb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
Eorex Corporation
ED382R517-2G4SA-H9R EOREX-ED382R517-2G4SA-H9R_15 Datasheet
1Mb / 51P
   eorex Registered DDR3 SDRAM DIMMs
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMD216646D6-K HYNIX-HYMD216646D6-K Datasheet
375Kb / 30P
   1184pin Unbuffered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com