Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6247HTS8TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6247HTS8TRPBF
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6247HTS8TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC6247HTS8TRPBF Datasheet HTML 1Page - Linear Technology LTC6247HTS8TRPBF Datasheet HTML 2Page - Linear Technology LTC6247HTS8TRPBF Datasheet HTML 3Page - Linear Technology LTC6247HTS8TRPBF Datasheet HTML 4Page - Linear Technology LTC6247HTS8TRPBF Datasheet HTML 5Page - Linear Technology LTC6247HTS8TRPBF Datasheet HTML 6Page - Linear Technology LTC6247HTS8TRPBF Datasheet HTML 7Page - Linear Technology LTC6247HTS8TRPBF Datasheet HTML 8Page - Linear Technology LTC6247HTS8TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICMR
Input Common Mode Range
l
0
VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 5.25V
VCM = 1V
l
69
65
73
dB
dB
Supply Voltage Range (Note 6)
l
2.5
5.25
V
VOL
Output Swing Low (VOUT – V)
No Load
l
25
40
55
mV
mV
ISINK = 5mA
l
70
110
160
mV
mV
ISINK = 25mA
l
160
250
450
mV
mV
VOH
Output Swing High (V+ – VOUT)
No Load
l
70
100
150
mV
mV
ISOURCE = 5mA
l
130
175
225
mV
mV
ISOURCE = 25mA
l
300
500
750
mV
mV
ISC
Output Short-Circuit Current
Sourcing
l
–80
–35
–30
mA
mA
Sinking
l
60
40
100
mA
mA
IS
Supply Current per Amplifier
VCM = Half Supply
l
0.95
1
1.4
mA
mA
VCM = V+ – 0.5V
l
1.25
1.4
1.8
mA
mA
ISD
Disable Supply Current per Amplifier
VSHDN = 0.8V
l
42
75
200
µA
µA
ISHDNL
SHDN Pin Current Low
VSHDN = 0.8V
l
–3
–4
–1.6
0
0
µA
µA
ISHDNH
SHDN Pin Current High
VSHDN = 2V
l
–300
–350
35
300
350
nA
nA
VL
SHDN Pin Input Voltage Low
l
0.8
V
VH
SHDN Pin Input Voltage High
l
2
V
IOSD
Output Leakage Current Magnitude in
Shutdown
VSHDN = 0.8V, Output Shorted to Either
Supply
100
nA
tON
Turn-On Time
VSHDN = 0.8V to 2V
5
µs
tOFF
Turn-Off Time
VSHDN = 2V to 0.8V
2
µs
BW
–3dB Closed Loop Bandwidth
AV = 1, RL = 1k to Half Supply
120
MHz
GBW
Gain-Bandwidth Product
f = 2MHz, RL = 1k to Half Supply
l
100
70
180
MHz
MHz
tS, 0.1%
Settling Time to 0.1%
AV = –1, VO = 2V Step RL = 1k
74
ns
tS, 0.01%
Settling Time to 0.01%
AV = –1, VO = 2V Step RL = 1k
202
ns
SR
Slew Rate
AV = –3.33, 4.6V Step (Note 11)
l
60
50
90
V/µs
V/µs
FPBW
Full Power Bandwidth
VOUT = 4VP-P (Note 13)
4
MHz
(VS = 5V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 5V, 0V; VSHDN = 2V; VCM = VOUT = 2.5V,
unless otherwise noted.


Similar Part No. - LTC6247HTS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6247 LINER-LTC6247 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC6247 LINER-LTC6247 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC6247 LINER-LTC6247 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LTC6247 LINER-LTC6247 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
LTC6247 LINER-LTC6247 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6247HTS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6252 LINER-LTC6252_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6254 LINER-LTC6254_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com