Electronic Components Datasheet Search |
|
LT6200IS6 Datasheet(PDF) 6 Page - Linear Technology |
|
LT6200IS6 Datasheet(HTML) 6 Page - Linear Technology |
6 / 26 page LT6200/LT6200-5 LT6200-10/LT6201 6 62001fd ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over –40°C < T A < 85°C temperature range. Excludes the LT6201 in the DD package (Note 3). VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, VSHDN = OPEN, unless otherwise noted. (Note 5) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS ΔIB IB Shift VCM = V– to V+ l 31 68 μA IB Match (Channel-to-Channel) (Note 11) VCM = V– to V+ l 19 μA IOS Input Offset Current VCM = Half Supply VCM = V+ VCM = V– l l l 0.1 0.02 0.4 4 4 5 μA μA μA AVOL Large-Signal Gain VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2 VS = 5V, VO = 1.5V to 3.5V, RL = 100Ω to VS/2 VS = 3V, VO = 0.5V to 2.5V,RL = 1k to VS/2 l l l 40 7.5 11 70 13 20 V/mV V/mV V/mV CMRR Common Mode Rejection Ratio VS = 5V, VCM = V– to V+ VS = 5V, VCM = 1.5V to 3.5V VS = 3V, VCM = V– to V+ l l l 60 80 60 80 100 80 dB dB dB CMRR Match (Channel-to-Channel) (Note 11) VS = 5V, VCM = 1.5V to 3.5V l 75 105 dB PSRR Power Supply Rejection Ratio VS = 3V to 10V l 60 68 dB PSRR Match (Channel-to-Channel) (Note 11) VS = 3V to 10V l 60 100 dB Minimum Supply Voltage (Note 6) l 3V VOL Output Voltage Swing LOW (Note 7) No Load ISINK = 5mA VS = 5V, ISINK = 20mA VS = 3V, ISINK = 20mA l l l l 18 60 170 175 70 120 310 315 mV mV mV mV VOH Output Voltage Swing HIGH (Note 7) No Load ISOURCE = 5mA VS = 5V, ISOURCE = 20mA VS = 3V, ISOURCE = 20mA l l l l 65 115 270 280 120 210 450 500 mV mV mV mV ISC Short-Circuit Current VS = 5V VS = 3V l l ±50 ±30 ±80 ±60 mA mA IS Supply Current per Amplifier Disabled Supply Current per Amplifier VS = 5V VS = 3V VSHDN = 0.3V l l l 22 20 1.4 25.3 23 1.9 mA mA mA ISHDN SHDN Pin Current VSHDN = 0.3V l 220 300 μA VL VSHDN Pin Input Voltage LOW l 0.3 V VH VSHDN Pin Input Voltage HIGH l V+ – 0.5 V Shutdown Output Leakage Current VSHDN = 0.3V l 0.1 75 μA tON Turn-On Time VSHDN = 0.3V to 4.5V, RL = 100Ω, VS = 5V l 130 ns tOFF Turn-Off Time VSHDN = 4.5V to 0.3V, RL = 100Ω, VS = 5V l 180 ns SR Slew Rate VS = 5V, AV = –1, RL = 1k, VO = 4V l 23 33 V/μs AV = –10, RL = 1k, VO = 4V LT6200-5 LT6200-10 l l 160 260 V/μs V/μs FPBW Full Power Bandwidth (Note 9) VS = 5V, VOUT = 3VP-P (LT6200) l 2.44 3.5 MHz TA = 25°C, VS = ±5V, VCM = VOUT = 0V, VSHDN = OPEN, unless otherwise noted. Excludes the LT6201 in the DD package (Note 3). SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage VCM = Half Supply VCM = V+ VCM = V– 1.4 2.5 2.5 4 6 6 mV mV mV Input Offset Voltage Match (Channel-to-Channel) (Note 11) VCM = 0V VCM = V– to V+ 0.2 0.4 1.6 3.2 mV mV |
Similar Part No. - LT6200IS6 |
|
Similar Description - LT6200IS6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |