Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA5224WR2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA5224WR2
Description  PSI5 Inertial Sensor
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA5224WR2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA5224WR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA5224WR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA5224WR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA5224WR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA5224WR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA5224WR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA5224WR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA5224WR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA5224WR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
Sensors
2
Freescale Semiconductor
MMA52xxWR
Preliminary
Figure 1. Application Diagram
Device Orientation
Figure 2. Device Orientation Diagram
External Component Recommendations
Ref Des
Type
Description
Purpose
C1
Ceramic
2.2 nF, 10%, 50 V minimum, X7R
VCC Power Supply Decoupling and Signal Damping
C3
Ceramic
470 pF, 10%, 50 V minimum, X7R
IDATA Filtering and Signal Damping
C2
Ceramic
15 nF, 10%, 50 V minimum, X7R
VCC Power Supply Decoupling
C4, C5, C6
Ceramic
1 mF, 10%, 10 V minimum, X7R
Voltage Regulator Output Capacitor(s)
R1
General Purpose
82
Ω, 5%, 200 PPM
VCC Filtering and Signal Damping
R2
General Purpose
27
Ω, 5%, 200 PPM
IDATA Filtering and Signal Damping
R3
General Purpose
20 k
Ω, 5%, 200 PPM
Gate Resistor for External Low Side Daisy Chain FET
M1
N-Channel MOSFET
Low Side Daisy Chain Transistor
C1
C6
VVBUF
VCE
VSS
C4
C5
VREG
VREGA
CS
SCLK
DO
DI
MMA52xx
VSSA
VSS
VCC
VBUF
PCM
R1
R2
IDATA
C3
C2
VSS_OUT
R3
M1
Optional for
BUS_SW
Note: Pin names and references
may differ from PSI5 V1.3
pin names and references
Daisy Chain
X: 0 g
EARTH GROUND
X: +1 g
X: 0 g
X: -1 g
X: 0 g
X: 0 g
xxxxxxx
xxxxxxx


Similar Part No. - MMA5224WR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA5224AKW FREESCALE-MMA5224AKW Datasheet
472Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA5224AKW NXP-MMA5224AKW Datasheet
597Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
Rev. 0, 09/2012
logo
Freescale Semiconductor...
MMA5224AKWR2 FREESCALE-MMA5224AKWR2 Datasheet
472Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA5224AKWR2 NXP-MMA5224AKWR2 Datasheet
597Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
Rev. 0, 09/2012
logo
Freescale Semiconductor...
MMA5224KW FREESCALE-MMA5224KW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results

Similar Description - MMA5224WR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
MMA51XXKW FREESCALE-MMA51XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA51XXL NXP-MMA51XXL Datasheet
897Kb / 59P
   MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
logo
Freescale Semiconductor...
MMA52XXAKW FREESCALE-MMA52XXAKW Datasheet
472Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA52XXKW NXP-MMA52XXKW Datasheet
1Mb / 58P
   Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
MMA52XXLW NXP-MMA52XXLW Datasheet
1Mb / 59P
   Xtrinsic MMA52xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA51XXKW NXP-MMA51XXKW Datasheet
1Mb / 61P
   Xtrinsic MMA51xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
logo
Freescale Semiconductor...
MMA51XXAKW FREESCALE-MMA51XXAKW Datasheet
467Kb / 35P
   Xtrinsic MMA51xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA51XXLW NXP-MMA51XXLW Datasheet
1Mb / 60P
   Xtrinsic MMA51xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA52XXAKW NXP-MMA52XXAKW Datasheet
597Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
Rev. 0, 09/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com