Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA5224KW Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMA5224KW
Description  PSI5 Inertial Sensor
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA5224KW Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMA5224KW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA5224KW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA5224KW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA5224KW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA5224KW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA5224KW Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA5224KW Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA5224KW Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA5224KW Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Sensors
10
Freescale Semiconductor
MMA52xxWR
Preliminary
2.8
Dynamic Electrical Characteristics - Supply and SPI
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified
1. Parameters tested 100% at final test.
2. Parameters tested 100% at wafer probe.
3. Verified by characterization
4. * Indicates critical characteristic.
5. Verified by qualification testing.
6. Parameters verified by pass/fail testing in production.
7. Functionality verified 100% via boundary scan. (Timing is directly determined by internal oscillator frequency.)
8. N/A.
9. Guaranteed by design.
10. N/A.
11. Measured at VCC pin; VSYNC guaranteed across full VIDLE range.
12. Self-Test repeats on failure up to a ST_RPTMAX times before transmitting Sensor Error Message
13. N/A.
14. Thermal resistance between the die junction and the exposed pad; cold plate is attached to the exposed pad.
15. Filter cut-off frequencies are directly dependent upon the internal oscillator frequency.
#
Characteristic
Symbol
Min
Typ
Max
Units
175
Quiescent Current Settling Time (Power Applied to Iq = IIDLE +/- 2mA)
tSET
⎯⎯
5ms
(3)
176
Reset Recovery Internal Delay (After internal POR)
tINT_INIT
16000 / fOSC
s(7)
177
178
179
VCC Micro-cut (CBUF=CREG=CREGA=1μF)
Survival Time (Vcc disconnect without Reset,
CBUF=CREG=CREGA=700nF)
Survival Time (Vcc disconnect without Reset, CBUF=CREG=CREGA=1μF)
Reset Time (Vcc disconnect above which Reset is guaranteed)
tVCC_MICROCUTmi
n
tVCC_MICROCUT
tVCC_RESET
30
50
1000
μs
μs
μs
(3)
(3)
(3)
180
181
182
183
VBUF, Capacitor Monitor Disconnect Time (Figure 10)
POR to first Capacitor Test Disconnect
Disconnect Time (Figure 10)
Disconnect Delay, Asynchronous Mode (Figure 10)
Disconnect Delay, Synchronous Mode (Figure 11)
tPOR_CAPTEST
tCAPTEST_TIME
tCAPTEST_ADLY
tCAPTEST_SDLY
12000/fOSC
6 / fOSC
688 / fOSC
72 / fOSC
s
s
s
s
(7)
(7)
(7)
(7)
184
185
186
VREG, VREGA Capacitor Monitor
POR to first Capacitor Test Disconnect
Disconnect Time
Disconnect Rate
tPOR_CAPTEST
tCAPTEST_TIME
tCAPTEST_RATE
12000 / fOSC
6 / fOSC
256 / fOSC
s
s
s
(7)
(7)
(7)
187
188
189
190
191
192
193
194
195
196
197
198
199
200
Serial Interface Timing (See Figure 7, CDOUT ≤ 80pF, RDOUT ≥ 10kΩ)
Clock (SCLK) period (10% of VCC to 10% of VCC)
Clock (SCLK) high time (90% of VCC to 90% of VCC)
Clock (SCLK) low time (10% of VCC to 10% of VCC)
Clock (SCLK) rise time (10% of VCC to 90% of VCC)
Clock (SCLK) fall time (90% of VCC to 10% of VCC)
CS asserted to SCLK high (CS = 10% of VCC to SCLK = 10% of VCC)
CS asserted to DOUT valid (CS = 10% of VCC to DOUT = 10/90% of VCC)
Data setup time (DIN = 10/90% of VCC to SCLK = 10% of VCC)
DIN Data hold time (SCLK = 90% of VCC to DIN = 10/90% of VCC)
DOUT Data hold time (SCLK = 90% of VCC to DOUT = 10/90% of VCC)
SCLK low to data valid (SCLK = 10% of VCC to DOUT = 10/90% of VCC)
SCLK low to CS high (SCLK = 10% of VCC to CS = 90% of VCC)
CS high to DOUT disable (CS = 90% of VCC to DOUT = Hi Z)
CS high to CS low (CS = 90% of VCC to CS = 90% of VCC)
tSCLK
tSCLKH
tSCLKL
tSCLKR
tSCLKF
tLEAD
tACCESS
tSETUP
tHOLD_IN
tHOLD_OUT
tVALID
tLAG
tDISABLE
tCSN
320
120
120
60
20
10
0
60
1000
15
15
40
28
60
50
60
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
(9)
(9)
(9)
(9)
(9)
(9)
(9)
(9)
(9)
(9)
(9)
(9)
(9)
(9)


Similar Part No. - MMA5224KW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA5224KW FREESCALE-MMA5224KW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA5224KW NXP-MMA5224KW Datasheet
1Mb / 58P
   Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
logo
Freescale Semiconductor...
MMA5224KWR2 FREESCALE-MMA5224KWR2 Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA5224KWR2 NXP-MMA5224KWR2 Datasheet
1Mb / 58P
   Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
More results

Similar Description - MMA5224KW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
MMA51XXKW FREESCALE-MMA51XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA51XXL NXP-MMA51XXL Datasheet
897Kb / 59P
   MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
logo
Freescale Semiconductor...
MMA52XXAKW FREESCALE-MMA52XXAKW Datasheet
472Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA52XXKW NXP-MMA52XXKW Datasheet
1Mb / 58P
   Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
MMA52XXLW NXP-MMA52XXLW Datasheet
1Mb / 59P
   Xtrinsic MMA52xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA51XXKW NXP-MMA51XXKW Datasheet
1Mb / 61P
   Xtrinsic MMA51xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
logo
Freescale Semiconductor...
MMA51XXAKW FREESCALE-MMA51XXAKW Datasheet
467Kb / 35P
   Xtrinsic MMA51xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA51XXLW NXP-MMA51XXLW Datasheet
1Mb / 60P
   Xtrinsic MMA51xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA52XXAKW NXP-MMA52XXAKW Datasheet
597Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
Rev. 0, 09/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com