Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6200CS6-10 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6200CS6-10
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200CS6-10 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6200CS6-10 Datasheet HTML 7Page - Linear Technology LT6200CS6-10 Datasheet HTML 8Page - Linear Technology LT6200CS6-10 Datasheet HTML 9Page - Linear Technology LT6200CS6-10 Datasheet HTML 10Page - Linear Technology LT6200CS6-10 Datasheet HTML 11Page - Linear Technology LT6200CS6-10 Datasheet HTML 12Page - Linear Technology LT6200CS6-10 Datasheet HTML 13Page - Linear Technology LT6200CS6-10 Datasheet HTML 14Page - Linear Technology LT6200CS6-10 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
62001fd
LT6200/LT6200-5
LT6200-10/LT6201
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current
vs Temperature
Output Saturation Voltage
vs Load Current (Output Low)
TEMPERATURE ( C)
–50
–5
–25
–30
–15
–10
20
5
–20
10
25
85
6200 G07
–20
10
15
0
–35
–5
40
55
70
VS = 5V, 0V
VCM = 5V
VCM = 0V
LOAD CURRENT (mA)
0.01
0.1
1
10
1
10
100
6200 G08
0.001
0.1
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
Output Saturation Voltage
vs Load Current (Output High)
LOAD CURRENT (mA)
0.1
0.01
0.1
1
10
1
10
100
6200 G09
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
Minimum Supply Voltage
Output Short-Circuit Current
vs Power Supply Voltage
Open-Loop Gain
TOTAL SUPPLY VOLTAGE (V)
–2.0
–1.0
1.0
–1.5
–0.5
0.5
0
12
3
4
6200 G10
5
0.5
0
1.5
2.5
3.5
4.5
TA = –55°C
TA = 125°C
TA = 25°C
VCM = VS/2
POWER SUPPLY VOLTAGE (±V)
1.5
–40
80
100
120
2.5
3.5
4
6200 G11
–80
40
0
–60
60
–120
–100
20
–20
2
3
4.5
5
TA = –55°C
TA = –55°C
TA = 125°C
TA = 125°C
TA = 25°C
SOURCING
SINKING
TA = 25°C
OUTPUT VOLTAGE (V)
0
–2.5
–1.5
–0.5
0.5
0.5
1
1.5
2
6200 G12
2.5
1.5
2.5
–2.0
–1.0
0
1.0
2.0
3
VS = 3V, 0V
TA = 25°C
RL = 1k
RL = 100Ω
Open-Loop Gain
Open-Loop Gain
Offset Voltage vs Output Current
OUTPUT VOLTAGE (V)
0
–2.5
–1.5
–0.5
0.5
1
2
34
6200 G13
1.5
2.5
–2.0
–1.0
0
1.0
2.0
5
VS = 5V, 0V
TA = 25°C
RL = 1k
RL = 100Ω
OUTPUT VOLTAGE (V)
–5
0.5
1.5
2.5
3
6200 G14
–0.5
–1.5
0
1.0
2.0
–1.0
–2.0
–2.5
–3
–4
–1
–2
12
4
0
5
VS = ±5V
TA = 25°C
RL = 1k
RL = 100Ω
OUTPUT CURRENT (mA)
–15
–5
5
15
–10
0
10
–60
–20
20
60
6200 G15
100
–100
VS = ±5V
TA = 125°C
TA = –55°C
TA = 25°C


Similar Part No. - LT6200CS6-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6200 LINER-LT6200 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6200 LINER-LT6200 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
logo
Analog Devices
LT6200 AD-LT6200 Datasheet
2Mb / 28P
   1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
logo
Linear Technology
LT6200 LINER-LT6200 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6200 LINER-LT6200 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
More results

Similar Description - LT6200CS6-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6200-10 LINER-LT6200-10_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200-5 LINER-LT6200-5_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6201 LINER-LT6201_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com