Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA5248W Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA5248W
Description  PSI5 Inertial Sensor
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA5248W Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA5248W Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA5248W Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA5248W Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA5248W Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA5248W Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA5248W Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA5248W Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA5248W Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA5248W Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Sensors
Freescale Semiconductor
7
MMA52xxWR
Preliminary
2.4
Electrical Characteristics - Sensor And Signal Chain
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
2.5
Electrical Characteristics - Self-Test and Overload
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
#
Characteristic
Symbol
Min
Typ
Max
Units
53
54
55
56
57
58
59
60
61
62
Sensitivity (10-bit output @ 100 Hz, referenced to 0 Hz)
±60g Range
±120g Range
±240g Range
±480g Range
Total Sensitivity Error (including non-linearity)
TA = 25°C, ≤ ±240g
TL ≤ TA ≤ TH, ≤ ±240g
TL ≤ TA ≤ TH, ≤ ±240g, VVCC_UV_F ≤ VCC ≤ VL
TA = 25°C, > ±240g
TL ≤ TA ≤ TH, > ±240g
TL ≤ TA ≤ TH, > ±240g, VVCC_UV_F ≤ VCC ≤ VL
*
*
*
*
*
*
*
*
SENS
SENS
SENS
SENS
ΔSENS_240
ΔSENS_240
ΔSENS_240
ΔSENS_480
ΔSENS_480
ΔSENS_480
-5
-7
-7
-5
-7
-7
0.1250
0.2500
0.5000
1.0000
+5
+7
+7
+5
+7
+7
g/LSB
g/LSB
g/LSB
g/LSB
%
%
%
%
%
%
(1)
(1)
(1)
(1)
(1)
(1)
(9)
(1)
(1)
(9)
63
64
Digital Offset Before Offset Cancellation
10-bit
10-bit, TL ≤ TA ≤ TH, VVCC_UV_F ≤ VCC ≤ VL
*
OFF10Bit
OFF10Bit
-52
-52
0
0
+52
+52
LSB
LSB
(1)
(9)
65
66
Digital Offset After Offset Cancellation
10-bit, 0.3 Hz HPF or 0.1 Hz HPF
10-bit, 0.04 Hz HPF
*
*
OFF10Bit
OFF10Bit
-1
-2
0
0
+1
+2
LSB
LSB
(1)
(9)
67
Continuous Offset Monitor Limit
10-bit output, before compensation
OFFMON
-66
+66
LSB
(3)
68
Range of Output (10-bit Mode)
Acceleration
RANGE
-480
+480
LSB
(3)
69
70
Cross-Axis Sensitivity
Z-axis to X-axis
Y-axis to X-axis
*
*
VZX
VYX
-5
-5
+5
+5
%
%
(3)
(3)
71
System Output Noise Peak (10-bit Mode, 1 Hz - 1 kHz, All Ranges)
*
nPeak
-4
+4
LSB
(3)
72
System Output Noise RMS (10-bit mode, 1 Hz - 1 kHz, All Ranges)
*
nRMS
——
+1.0
LSB
(3)
73
74
Non-linearity
10-bit output
, ≤ ±240g
10-bit output, > ±240g
NLOUT_240g
NLOUT_480g
-2
-2
+2
+2
%
%
(3)
(3)
#
Characteristic
Symbol
Min
Typ
Max
Units
75
76
77
78
10-Bit Output During Active Self-Test (TL ≤ TA ≤ TH)
±60g Range
±120g Range
±240g Range
±480g Range
*
*
*
*
gST10_60X
gST10_120X
gST10_240X
gST10_480X
120
40
56
8
280
160
184
112
LSB
LSB
LSB
LSB
(3)
(3)
(3)
(3)
79
Acceleration (without hitting internal g-cell stops)
±60g Range Positive/Negative
gg-cell_Clip60X
400
456
500
g
(9)
80
Acceleration (without hitting internal g-cell stops)
±120g Range Positive/Negative
gg-cell_Clip120X
400
456
500
g
(9)
81
Acceleration (without hitting internal g-cell stops)
±240g Range Positive/Negative
gg-cell_Clip240X
1750
2065
2300
g
(9)
82
Acceleration (without hitting internal g-cell stops)
±480g Range Positive/Negative
gg-cell_Clip480X
1750
2065
2300
g
(9)
83
ΣΔ and Sinc Filter Clipping Limit
±60g Range Positive/Negative
gADC_Clip60X
191
210
233
g
(9)
84
ΣΔ and Sinc Filter Clipping Limit
±120g Range Positive/Negative
gADC_Clip120X
353
380
410
g
(9)
85
ΣΔ and Sinc Filter Clipping Limit
±240g Range Positive/Negative
gADC_Clip240X
928
1055
1218
g
(9)
86
ΣΔ and Sinc Filter Clipping Limit
±480g Range Positive/Negative
gADC_Clip480X
1690
1879
2106
g
(9)


Similar Part No. - MMA5248W

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA5248AKW FREESCALE-MMA5248AKW Datasheet
472Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA5248AKW NXP-MMA5248AKW Datasheet
597Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
Rev. 0, 09/2012
logo
Freescale Semiconductor...
MMA5248AKWR2 FREESCALE-MMA5248AKWR2 Datasheet
472Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA5248AKWR2 NXP-MMA5248AKWR2 Datasheet
597Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
Rev. 0, 09/2012
logo
Freescale Semiconductor...
MMA5248KW FREESCALE-MMA5248KW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results

Similar Description - MMA5248W

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
MMA51XXKW FREESCALE-MMA51XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA51XXL NXP-MMA51XXL Datasheet
897Kb / 59P
   MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
logo
Freescale Semiconductor...
MMA52XXAKW FREESCALE-MMA52XXAKW Datasheet
472Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA52XXKW NXP-MMA52XXKW Datasheet
1Mb / 58P
   Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
MMA52XXLW NXP-MMA52XXLW Datasheet
1Mb / 59P
   Xtrinsic MMA52xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA51XXKW NXP-MMA51XXKW Datasheet
1Mb / 61P
   Xtrinsic MMA51xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
logo
Freescale Semiconductor...
MMA51XXAKW FREESCALE-MMA51XXAKW Datasheet
467Kb / 35P
   Xtrinsic MMA51xxAKW PSI5 Inertial Sensor
logo
NXP Semiconductors
MMA51XXLW NXP-MMA51XXLW Datasheet
1Mb / 60P
   Xtrinsic MMA51xxLW PSI5 Inertial Sensor
Rev. 1, 03/2014
MMA52XXAKW NXP-MMA52XXAKW Datasheet
597Kb / 35P
   Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
Rev. 0, 09/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com