Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6247CMS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6247CMS8
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6247CMS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC6247CMS8 Datasheet HTML 1Page - Linear Technology LTC6247CMS8 Datasheet HTML 2Page - Linear Technology LTC6247CMS8 Datasheet HTML 3Page - Linear Technology LTC6247CMS8 Datasheet HTML 4Page - Linear Technology LTC6247CMS8 Datasheet HTML 5Page - Linear Technology LTC6247CMS8 Datasheet HTML 6Page - Linear Technology LTC6247CMS8 Datasheet HTML 7Page - Linear Technology LTC6247CMS8 Datasheet HTML 8Page - Linear Technology LTC6247CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HD2/HD3
Harmonic Distortion
RL = 1k to Half Supply
fC = 100kHz, VO = 2VP-P
fC = 1MHz, VO = 2VP-P
fC = 2MHz, VO = 2VP-P
110/90
88/80
78/62
dBc
dBc
dBc
RL = 100Ω to Half Supply
fC = 100kHz, VO = 2VP-P
fC = 1MHz, VO = 2VP-P
fC = 2MHz, VO = 2VP-P
90/79
66/60
59/51
∆G
Differential Gain (Note 14)
AV = 1, RL = 1k, VS = ±2.5V
0.2
%
∆θ
Differential Phase (Note 14)
AV = 1, RL = 1k, VS = ±2.5V
0.08
Deg
Crosstalk
AV = –1, RL = 1k to Half Supply,
VOUT = 2VP-P, f = 1MHz
–90
dB
elecTrical characTerisTics (VS = 5V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 5V, 0V; VSHDN = 2V; VCM = VOUT = 2.5V,
unless otherwise noted.
elecTrical characTerisTics (VS = 2.7V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 2.7V, 0V; VSHDN = 2V; VCM = VOUT =
1.35V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = Half Supply
l
–100
–300
500
1000
1400
µV
µV
VCM = V+ – 0.5V, NPN Mode
l
–1.75
–2.25
0.75
3.25
3.75
mV
mV
∆VOS
Input Offset Voltage Match
(Channel-to-Channel) (Note 8)
VCM = Half Supply
l
–700
–1000
–20
700
1000
µV
µV
VCM = V+ – 0.5V, NPN Mode
l
–3.5
–4
0.1
3.5
4
mV
mV
VOS TC
Input Offset Voltage Drift
l
2
µV/°C
IB
Input Bias Current (Note 7)
VCM = Half Supply
l
–450
–600
–100
450
600
nA
nA
VCM = V+ – 0.5V, NPN Mode
l
50
0
350
1000
1500
nA
nA
IOS
Input Offset Current
VCM = Half Supply
l
–250
–350
–10
250
350
nA
nA
VCM = V+ – 0.5V, NPN Mode
l
–250
–350
–10
250
350
nA
nA
en
Input Noise Voltage Density
f = 100kHz
4.6
nV/√Hz
Input 1/f Noise Voltage
f = 0.1Hz to 10Hz
1.7
µVP-P
in
Input Noise Current Density
f = 100kHz
1.8
pA/√Hz
CIN
Input Capacitance
Differential Mode
Common Mode
2
0.8
pF
pF
RIN
Input Resistance
Differential Mode
Common Mode
32
12
kΩ
MΩ
AVOL
Large Signal Voltage Gain
RL = 1k to Half Supply
(Note 12)
l
15
7.5
25
V/mV
V/mV
RL = 100Ω to Half Supply
(Note 12)
l
2
1.3
7.5
V/mV
V/mV


Similar Part No. - LTC6247CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6247 LINER-LTC6247 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC6247 LINER-LTC6247 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC6247 LINER-LTC6247 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LTC6247 LINER-LTC6247 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
LTC6247 LINER-LTC6247 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6247CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6252 LINER-LTC6252_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6254 LINER-LTC6254_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com