Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6247IMS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6247IMS8
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6247IMS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6247IMS8 Datasheet HTML 7Page - Linear Technology LTC6247IMS8 Datasheet HTML 8Page - Linear Technology LTC6247IMS8 Datasheet HTML 9Page - Linear Technology LTC6247IMS8 Datasheet HTML 10Page - Linear Technology LTC6247IMS8 Datasheet HTML 11Page - Linear Technology LTC6247IMS8 Datasheet HTML 12Page - Linear Technology LTC6247IMS8 Datasheet HTML 13Page - Linear Technology LTC6247IMS8 Datasheet HTML 14Page - Linear Technology LTC6247IMS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
Typical perForMance characTerisTics
Power Supply Rejection Ratio
vs Frequency
Series Output Resistor
vs Capacitive Load (AV = 1)
Series Output Resistor
vs Capacitive Load (AV = 2)
Output Impedance vs Frequency
Common Mode Rejection Ratio
vs Frequency
Slew Rate vs Temperature
FREQUENCY (Hz)
624678 G31
1000
10
100
1
0.1
0.01
0.001
100k
100M
1G
10M
1M
VS = ±2.5V
AV = 10
AV = 1
AV = 2
FREQUENCY (Hz)
624678 G31
110
90
80
70
60
50
40
30
100
20
10
0
–10
10 100 1k 10k 100k
100M 1G
10M
1M
TA = 25°C
VS = ±2.5V
FREQUENCY (Hz)
10
50
40
30
20
10
70
80
60
0
–10
100 1k
100k
NEGATIVE SUPPLY
POSITIVE SUPPLY
624678 G33
VS = ±2.5V
TA = 25°C
100M
10M
1M
10k
TEMPERATURE (°C)
–55
140
FALLING, VS = ±2.5V
RISING, VS = ±2.5V
FALLING, VS = ±1.35V
RISING, VS = ±1.35V
120
100
80
60
40
–35
45
25
5
–15
85
624678 G34
125
AV = –1, RL = 1k, VOUT = 4VP-P (±2.5V),
2VP-P (±1.35V) SLEW RATE MEASURED
AT MIDDLE 2/3 OF OUTPUT
105
65
Distortion vs Frequency
(AV = 1, 5V)
Distortion vs Frequency
(AV = 2, 5V)
Distortion vs Frequency
(AV = 1, 2.7V)
FREQUENCY (MHz)
0.01
–40
–50
–60
–70
–80
–90
–100
–110
–120
0.1
10
1
624678 G37
VS = ±2.5V
VOUT = 2VP-P
AV = 1
RL = 100Ω, 2ND
RL = 1kΩ, 3RD
RL = 1kΩ, 2ND
RL = 100Ω, 3RD
FREQUENCY (MHz)
0.01
–40
–50
–60
–70
–80
–90
–100
–110
–120
0.1
10
1
624678 G38
VS = ±1.35V
VOUT = 1VP-P
AV = 1
RL = 100Ω, 2ND
RL = 1kΩ, 3RD
RL = 1kΩ, 2ND
RL = 100Ω, 3RD
FREQUENCY (MHz)
0.01
–40
–50
–60
–70
–80
–90
–100
–110
–120
0.1
10
1
624678 G39
VS = ±2.5V
VOUT = 2VP-P
AV = 2
RL = 100Ω, 2ND
RL = 1kΩ, 3RD
RL = 1kΩ, 2ND
RL = 100Ω, 3RD
CAPACITIVE LOAD (pF)
10
80
70
60
50
40
30
20
10
0
100
10000
1000
624678 G35
VS = ±2.5V
VOUT = 100mVP-P
AV = 1
RS = 20Ω
RS = 49.9Ω
RS = 10Ω
RS
CL
VOUT
VIN
AV = 1
CAPACITIVE LOAD (pF)
10
80
70
60
50
40
30
20
10
0
100
10000
1000
624678 G36
VS = ±2.5V
VOUT = 200mVP-P
RF = RG = 500,
AV = 2
RS = 20Ω
RS = 49.9Ω
RS
500Ω
500Ω
CL
VOUT
VIN
AV = 2
RS = 10Ω


Similar Part No. - LTC6247IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6247 LINER-LTC6247 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC6247 LINER-LTC6247 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC6247 LINER-LTC6247 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LTC6247 LINER-LTC6247 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
LTC6247 LINER-LTC6247 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6247IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6252 LINER-LTC6252_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6254 LINER-LTC6254_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com