Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDMPIH60D48T125NP-330MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDMPIH60D48T125NP-330MC
Description  Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMPIH60D48T125NP-330MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDMPIH60D48T125NP-330MC Datasheet HTML 1Page - Sumida Corporation CDMPIH60D48T125NP-330MC Datasheet HTML 2Page - Sumida Corporation CDMPIH60D48T125NP-330MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDMPIH Series
Electrical Characteristics specification.
1.15
0.95
1.20
255(204)
47
±20%
CDMPIH60D48T125NP-470MC
1.05
0.80
0.95
3.2(242)
68
±20%
CDMPIH60D48T125NP-680MC
0.80
1.4
1.7
2.1
2.5
3.2
4.1
(at 20
℃)
1.2
1.1
208(116)
33
±20%
CDMPIH60D48T125NP-330MC
1.5
1.4
140(112)
22
±20%
CDMPIH60D48T125NP-220MC
1.9
1.7
89(71)
15
±20%
CDMPIH60D48T125NP-150MC
2.5
2.1
58(46)
10
±20%
CDMPIH60D48T125NP-100MC
0.85
0.65
460(368)
100
±20%
CDMPIH60D48T125NP-101MC
3.2
2.6
41(33)
6.2
±25%
CDMPIH60D48T125NP-6R2PC
3.5
3.4
33(27)
3.9
±25%
CDMPIH60D48T125NP-3R9PC
(at 125
℃)
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R.
(m
Ω)
at 20
Inductance
( H)
at 100KHz
Sumida P/N
◆ CDMPIH60D48/T125
0.80
0.75
1.00
390(315)
100
±20%
CDMPIH75D43T125NP-101MC
0.65
0.60
0.80
585(470)
150
±20%
CDMPIH75D43T125NP-151MC
1.2
1.1
1.4
210(168)
47
±20%
CDMPIH75D43T125NP-470MC
1.0
0.9
1.2
315(253)
68
±20%
CDMPIH75D43T125NP-680MC
0.65
1.7
2.1
2.5
3.1
3.7
4.4
(at 20
℃)
1.5
1.3
143(114)
33
±20%
CDMPIH75D43T125NP-330MC
2.2
1.6
79(63)
22
±20%
CDMPIH75D43T125NP-220MC
2.4
1.9
65(53)
15
±20%
CDMPIH75D43T125NP-150MC
2.6
2.4
52(42)
10
±20%
CDMPIH75D43T125NP-100MC
0.50
0.50
1005(805)
220
±20%
CDMPIH75D43T125NP-221MC
2.8
2.9
43(34)
6.8
±25%
CDMPIH75D43T125NP-6R8PC
3.6
3.5
28(22)
4.7
±25%
CDMPIH75D43T125NP-4R7PC
(at 125
℃)
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R.
(m
Ω)
at 20
Inductance
( H)
at 100KHz
Sumida P/N
◆ CDMPIH75D43/T125


Similar Part No. - CDMPIH60D48T125NP-330MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMPIH60D48/T125 SUMIDA-CDMPIH60D48/T125 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - CDMPIH60D48T125NP-330MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com