Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVL-354TG Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MVL-354TG
Description  T-1 (3mm) PACKAGE SOLID STATE LAMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-354TG Datasheet(HTML) 1 Page - Unity Opto Technology

  MVL-354TG Datasheet HTML 1Page - Unity Opto Technology MVL-354TG Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T-1 (3mm) PACKAGE
SOLID STATE LAMP
MVL-354TG
Description
Package Dimensions
The MVL-354TG, a green source color device, is made with
InGaN ( on SiC substrate) LED die.
The package is T-1 (
3mm) water clear plastic type.
Applications
l
Full color displays & moving message signs
l
Solid state incandescent replacement bulbs
l
High ambient panel indicators
l
Color printers & scanners
l
Medical & Analytical instruments
Features
l
High performance - 1.5mW (525nm)
l
Superior SiC substrate technology
l
Excellent chip to chip consistency
l
High reliability
Absolute Maximum Ratings
Parameter
Symbol
Unit
Peak Forward Current(1/10 Duty Cycle@1KHz )
Ipf
mA
Continuous Forward Current
Iaf
mA
Reverse Voltage
VR
V
Operating Temperature Range
Topr
Storage Temperature Range
Tstg
Electrostatic Discharge Threshold(HBM)
Eot
V
-20
to +80
-30
to +100
1000
08/25/2000
Maximum Rating
100
30
5
Unity Opto Technology Co., Ltd.
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 0.8 mm (.031") max.
3. Lead spacing is measured where the leads emerge from the package.
Unit: mm ( inches )
2.54
(.100)
0.50 TYP.
(.020)
1.00
(.040)
3.00
(.118)
1.00MIN
(.040)
25.40MIN.
(1.000)
5.25
(.207)
A
C
FLAT DENOTES CATHODE
4.00
(.157)
@ T
A=25


Similar Part No. - MVL-354TG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-354B UOT-MVL-354B Datasheet
32Kb / 2P
   T-1 PACKAGE SOLID STATE LAMP
MVL-354BG UOT-MVL-354BG Datasheet
31Kb / 2P
   T-1 (3mm) PACKAGE SOLID STATE LAMP
MVL-354BS UOT-MVL-354BS Datasheet
32Kb / 2P
   T-1 PACKAGE SOLID STATE LAMP
MVL-354BV UOT-MVL-354BV Datasheet
32Kb / 2P
   T-1 PACKAGE SOLID STATE LAMP
MVL-354SG UOT-MVL-354SG Datasheet
31Kb / 2P
   T-1 (3mm) PACKAGE SOLID STATE LAMP
More results

Similar Description - MVL-354TG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-354BG UOT-MVL-354BG Datasheet
31Kb / 2P
   T-1 (3mm) PACKAGE SOLID STATE LAMP
MVL-354SG UOT-MVL-354SG Datasheet
31Kb / 2P
   T-1 (3mm) PACKAGE SOLID STATE LAMP
MVL-324SG UOT-MVL-324SG Datasheet
38Kb / 2P
   T-1 (3mm) PACKAGE SOLID STATE LAMP
logo
Kingbright Corporation
WP132XID KINGBRIGHT-WP132XID_15 Datasheet
314Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP132XIT KINGBRIGHT-WP132XIT_15 Datasheet
313Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10SED KINGBRIGHT-WP710A10SED_15 Datasheet
325Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SRC-J4 KINGBRIGHT-WP710A10SRC-J4_15 Datasheet
321Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SURC-E KINGBRIGHT-WP710A10SURC-E_15 Datasheet
318Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GD5V KINGBRIGHT-WP710A10GD5V_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GT KINGBRIGHT-WP710A10GT_15 Datasheet
323Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com