Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD212G726DS4M-H Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HYMD212G726DS4M-H
Description  184pin Registered DDR SDRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD212G726DS4M-H Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HYMD212G726DS4M-H Datasheet HTML 2Page - Hynix Semiconductor HYMD212G726DS4M-H Datasheet HTML 3Page - Hynix Semiconductor HYMD212G726DS4M-H Datasheet HTML 4Page - Hynix Semiconductor HYMD212G726DS4M-H Datasheet HTML 5Page - Hynix Semiconductor HYMD212G726DS4M-H Datasheet HTML 6Page - Hynix Semiconductor HYMD212G726DS4M-H Datasheet HTML 7Page - Hynix Semiconductor HYMD212G726DS4M-H Datasheet HTML 8Page - Hynix Semiconductor HYMD212G726DS4M-H Datasheet HTML 9Page - Hynix Semiconductor HYMD212G726DS4M-H Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Rev. 1.1 /May. 2005
6
184pin Registered DDR SDRAM DIMMs
512MB, 64Mb x 72 ECC Registered DIMM: HYMD264G726D[P]4[M]
FUNCTIONAL BLOCK DIAGRAM
Note :
1. DQ-to-I/O wiring may be changed within a byte.
2. DQ/DQS/DM/CKE/S relationships must be maintained
as shown.
3. DQ/DQS resistors should be 22 Ohms.
4. VDDID strap connections (for memory device VDD,VDDQ) :
STRAP OUT (OPEN) : VDD = VDDQ
STRAP IN (VSS) : VDD ≠ VDDQ
5. Address and control resistors should be 22 Ohms.
DQ0
DQ1
DQ2
DQ3
DQS
/CS
DM
D0
DQS0
/RS0
DM0/DQS9
VSS
I/O0
I/O1
I/O2
I/O3
WP
A0
A1
A2
SDA
SA0 SA1SA2
Serial PD
SCL
VDDSPD
VDD
VREF
VSS
Serial PD
DO-D8
DO-D8
DO-D8
Strap:see Note 4
VDDQ
VDDID
DO-D8
DQ4
DQ5
DQ6
DQ7
DQS
/CS
DM
D0
I/O0
I/O1
I/O2
I/O3
DQS
/CS
DM
D9
I/O0
I/O1
I/O2
I/O3
DQ8
DQ9
DQ10
DQ11
DQS
/CS
DM
D1
DQS1
DM1/DQS10
I/O0
I/O1
I/O2
I/O3
DQ12
DQ13
DQ14
DQ15
DQS
/CS
DM
D0
I/O0
I/O1
I/O2
I/O3
DQS
/CS
DM
D10
I/O0
I/O1
I/O2
I/O3
DQ16
DQ17
DQ18
DQ19
DQS
/CS
DM
D2
DQS2
DM2/DQS11
I/O0
I/O1
I/O2
I/O3
DQ20
DQ21
DQ22
DQ23
DQS
/CS
DM
D0
I/O0
I/O1
I/O2
I/O3
DQS
/CS
DM
D11
I/O0
I/O1
I/O2
I/O3
DQ24
DQ25
DQ26
DQ27
DQS
/CS
DM
D3
DQS3
DM3/DQS12
I/O0
I/O1
I/O2
I/O3
DQ28
DQ29
DQ30
DQ31
DQS
/CS
DM
D0
I/O0
I/O1
I/O2
I/O3
DQS
/CS
DM
D12
I/O0
I/O1
I/O2
I/O3
DQ32
DQ33
DQ34
DQ35
DQS
/CS
DM
D4
DQS4
DM4/DQS13
I/O0
I/O1
I/O2
I/O3
DQ36
DQ37
DQ38
DQ39
DQS
/CS
DM
D0
I/O0
I/O1
I/O2
I/O3
DQS
/CS
DM
D13
I/O0
I/O1
I/O2
I/O3
DQ40
DQ41
DQ42
DQ43
DQS
/CS
DM
D5
DQS5
DM5/DQS14
I/O0
I/O1
I/O2
I/O3
DQ44
DQ45
DQ46
DQ47
DQS
/CS
DM
D0
I/O0
I/O1
I/O2
I/O3
DQS
/CS
DM
D14
I/O0
I/O1
I/O2
I/O3
DQ48
DQ49
DQ50
DQ51
DQS
/CS
DM
D6
DQS6
DM6/DQS15
I/O0
I/O1
I/O2
I/O3
DQ52
DQ53
DQ54
DQ55
DQS
/CS
DM
D0
I/O0
I/O1
I/O2
I/O3
DQS
/CS
DM
D15
I/O0
I/O1
I/O2
I/O3
DQ56
DQ57
DQ58
DQ59
DQS
/CS
DM
D7
DQS7
DM7/DQS16
I/O0
I/O1
I/O2
I/O3
DQ60
DQ61
DQ62
DQ63
DQS
/CS
DM
D0
I/O0
I/O1
I/O2
I/O3
DQS
/CS
DM
D16
I/O0
I/O1
I/O2
I/O3
CB0
CB1
CB2
CB3
DQS
/CS
DM
D8
DQS8
DM8/DQS17
I/O0
I/O1
I/O2
I/O3
CB4
CB5
CB6
CB7
DQS
/CS
DM
D0
I/O0
I/O1
I/O2
I/O3
DQS
/CS
DM
D17
I/O0
I/O1
I/O2
I/O3
CKO, /CKO------PLL*
* Wire per Clock Loading Table/Wiring Diagram
A0-A12
/RAS
/CAS
CKE
/WE
RA0-RA12-> : A0->A12 : SDRAMs D0-D17
/RRAS->/RAS : SDRAMs D0-D17
/RCAS->/CAS : SDRAMs D0-D17
RCKEA->CKE : SDRAMs D0-D17
/RWE->WE : SDRAMs D0-D17
/S0
BA0-BA1
/RS->/CS : SDRAMs D0-D17
RBA0-RBA1-> : BA0->BA1 : SDRAMs D0-D17
R
E
G
I
S
T
E
R
/RESET
/PCK
PCK


Similar Part No. - HYMD212G726DS4M-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD212G726DF4-D43 HYNIX-HYMD212G726DF4-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD212G726DF4-D43J HYNIX-HYMD212G726DF4-D43J Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD212G726DFP4-D43 HYNIX-HYMD212G726DFP4-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD212G726DFP4-D43J HYNIX-HYMD212G726DFP4-D43J Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
More results

Similar Description - HYMD212G726DS4M-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD564G726BF8N-D43 HYNIX-HYMD564G726BF8N-D43 Datasheet
442Kb / 20P
   184pin Registered DDR SDRAM DIMMs
HYMD564G726CFP8N-D43 HYNIX-HYMD564G726CFP8N-D43 Datasheet
890Kb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
Eorex Corporation
ED382R517-2G4SA-H9R EOREX-ED382R517-2G4SA-H9R_15 Datasheet
1Mb / 51P
   eorex Registered DDR3 SDRAM DIMMs
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMD216646D6-K HYNIX-HYMD216646D6-K Datasheet
375Kb / 30P
   1184pin Unbuffered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com