Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5LS20116BSZWTIQ1R Datasheet(PDF) 8 Page - Texas Instruments

Part # P5LS20116BSZWTIQ1R
Description  16/32-BIT RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P5LS20116BSZWTIQ1R Datasheet(HTML) 8 Page - Texas Instruments

Back Button P5LS20116BSZWTIQ1R Datasheet HTML 4Page - Texas Instruments P5LS20116BSZWTIQ1R Datasheet HTML 5Page - Texas Instruments P5LS20116BSZWTIQ1R Datasheet HTML 6Page - Texas Instruments P5LS20116BSZWTIQ1R Datasheet HTML 7Page - Texas Instruments P5LS20116BSZWTIQ1R Datasheet HTML 8Page - Texas Instruments P5LS20116BSZWTIQ1R Datasheet HTML 9Page - Texas Instruments P5LS20116BSZWTIQ1R Datasheet HTML 10Page - Texas Instruments P5LS20116BSZWTIQ1R Datasheet HTML 11Page - Texas Instruments P5LS20116BSZWTIQ1R Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
Flash (2MB)
RAM (160kB)
0x00000000
0x001FFFFF
0x08000000
0x08027FFF
CRC
0xFE000000
0xFEFFFFFF
Peripherals
0xFF000000
0xFFF7FFFF
SYSTEM Modules
0xFFF80000
0xFFFFFFFF
Flash-ECC
0x00400000
0x004FFFFF
RAM - ECC
0x08400000
0x08427FFF
EMIF (256MB)
0x60000000
0x6FFFFFFF
CS1
CS0
CS2
CS3
0x60000000
POM (4MB)
0x603FFFFF
Flash (2MB)
0x20000000
0x201FFFFF
Flash - ECC
0x20400000
0x204FFFFF
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Flash (1MB)
RESERVED
0x00000000
0x000FFFFF
0x001FFFFF
(2MB)
Flash - ECC (1MB)
0x00400000
0x0047FFFF
0x004FFFFF
RESERVED
RAM (128kB)
RESERVED
0x08000000
0x0801FFFF
0x08027FFF
(160kB)
RAM - ECC (128kB)
RESERVED
0x08400000
0x08427FFF
0x08401FFF
(Mirrored Image)
Flash (1MB)
(Mirrored Image)
RESERVED
0x20000000
0x201FFFFF
0x200FFFFF
(2MB Mirrored Image)
Flash - ECC(1MB)
RESERVED
0x20400000
0x204FFFFF
0x2047FFFF
(a)
(a)
(a)
(a)
(b)
(b)
(b)
(b)
( )
c
( )
c
(d)
(d)
(a) 2MB Flash Devices
(b) 1MB Flash Devices
( ) 160kB RAM Devices
(d) 128kB RAM Devices
c
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
SPNS141 – MARCH 2010
www.ti.com
2.2
Memory
2.2.1
Memory Map
The memory map including all available Flash and RAM memory configurations for the device family are
shown in the Figure 2-1 figure below.
Figure 2-1. Memory Map
8
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20216 TMS570LS20206 TMS570LS10216 TMS570LS10206 TMS570LS10116
TMS570LS10106


Similar Part No. - P5LS20116BSZWTIQ1R

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P5L150B PFC-P5L150B Datasheet
641Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150DS PFC-P5L150DS Datasheet
586Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150SP PFC-P5L150SP Datasheet
673Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L200B PFC-P5L200B Datasheet
644Kb / 5P
   5A 200V MOS Schottky Rectifier
P5L200SP PFC-P5L200SP Datasheet
723Kb / 5P
   5A 200V MOS Schottky Rectifier
More results

Similar Description - P5LS20116BSZWTIQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com