Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6201CS8TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT6201CS8TRPBF
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201CS8TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6201CS8TRPBF Datasheet HTML 5Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 6Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 7Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 8Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 9Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 10Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 11Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 12Page - Linear Technology LT6201CS8TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
62001fd
LT6200/LT6200-5
LT6200-10/LT6201
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = Half Supply
VCM = V+
VCM = V
l
l
l
1.9
3.5
3.5
4.5
7.5
7.5
mV
mV
mV
Input Offset Voltage Match
(Channel-to-Channel) (Note 11)
VCM = 0V
VCM = Vto V+
l
l
0.2
0.4
2
3.6
mV
mV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = Half Supply
l
8.2
24
μV/ºC
IB
Input Bias Current
VCM = Half Supply
VCM = V+
VCM = V
l
l
l
–40
–50
–10
8
–23
18
μA
μA
μA
ΔIB
IB Shift
VCM = Vto V+
l
31
68
μA
IB Match (Channel-to-Channel) (Note 11)
l
412
μA
IOS
Input Offset Current
VCM = Half Supply
VCM = V+
VCM = V
l
l
l
1.3
1
3.5
10
10
15
μA
μA
μA
AVOL
Large-Signal Gain
VO = ±4.5V, RL = 1k
VO = ±2V, RL = 100
l
l
46
7.5
80
13.5
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = Vto V+
VCM = –2V to 2V
l
l
65
75
90
100
dB
dB
CMRR Match (Channel-to-Channel) (Note 11)
VCM = –2V to 2V
l
75
105
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
l
60
65
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = ±1.5V to ±5V
l
60
100
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
ISINK = 5mA
ISINK = 20mA
l
l
l
16
60
170
75
125
310
mV
mV
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
ISOURCE = 5mA
ISINK = 20mA
l
l
l
85
125
265
150
230
480
mV
mV
mV
ISC
Short-Circuit Current
l
±60
±90
mA
IS
Supply Current
Disabled Supply Current
VSHDN = 0.3V
l
l
25
1.6
29
2.1
mA
mA
ISHDN
SHDN Pin Current
VSHDN = 0.3V
l
215
295
μA
VL
VSHDN Pin Input Voltage LOW
l
0.3
V
VH
VSHDN Pin Input Voltage HIGH
l V+ – 0.5
V
Shutdown Output Leakage Current
VSHDN = 0.3V
l
0.1
75
μA
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100Ω, VS = 5V
l
130
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100Ω, VS = 5V
l
180
ns
SR
Slew Rate
AV = –1, RL = 1k, VO = 4V
l
31
44
V/μs
AV = –10, RL = 1k, VO = 4V
LT6200-5
LT6200-10
l
l
125
260
180
370
V/μs
V/μs
FPBW
Full Power Bandwidth (Note 9)
VOUT = 3VP-P (LT6200-10)
l
27
39
MHz
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over –40°C < T
A < 85°C
temperature range. Excludes the LT6201 in the DD package (Note 3). VS = ±5V, VCM = VOUT = 0V, VSHDN = OPEN, unless
otherwise noted. (Note 5)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime
Note 2: Inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 0.7V, the input current must be limited to less
than 40mA. This parameter is guaranteed to meet specified performance
through design and/or characterization. It is not 100% tested.


Similar Part No. - LT6201CS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6201 LINER-LT6201 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
logo
Analog Devices
LT6201 AD-LT6201 Datasheet
2Mb / 28P
   1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
logo
Linear Technology
LT6201 LINER-LT6201 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT6201 LINER-LT6201 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LT6201 LINER-LT6201 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT6201CS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6200-10 LINER-LT6200-10_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200-5 LINER-LT6200-5_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6201 LINER-LT6201_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com