Electronic Components Datasheet Search |
|
DPG47CE400 Datasheet(PDF) 2 Page - Dubilier |
|
DPG47CE400 Datasheet(HTML) 2 Page - Dubilier |
2 / 4 page Fax: 01371 875075 www.dubilier.co.uk Tel: 01371 875758 70 OUTLINE DRAWING CAPACITORS RIPPLE CURRENT MULTIPLIERS Vinyl Sleeve L ±2 6 ±1 D ±1 Mounting Holes on Chassis Negative Safety Vent Terminals 0.9 +0.2/-0.1 0.8 ±0.1 1.5 ±0.1 3.5 6.0 ±1 D ±1 1) Maximum rms ripple currents at 120Hz, 85°C and 105°C are given in the table. 2) Temperature multiplying factor; Where capacitors are operated at temperature other than 105°C, the maximum ripple current must be multiplied by the figure shown in the table below. 3) Frequency multiplying factor; If capacitors are used to filter circuits at a frequency other than 120Hz, the rated 120Hz rms ripple current shown must be multiplied by the factor shown in the table below. AMBIENT TEMP./MULTIPLYING FACTOR FREQUENCY/MULTIPLYING FACTOR ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG Frequency coefficient Freq(Hz)/Cap(uF) 50 0 10 1K 10K - 00K 6.3 to 100V 0.88 0.90 1.00 1.15 1.16 160 to 250V 0.85 0.88 1.00 1.15 1.20 315 to 450V 0.88 0.9 1.00 1.10 1.15 Temperature coefficient Temperature ( °C ) 60 70 85 105 Factor 2.37 2.17 1.67 1.00 |
Similar Part No. - DPG47CE400 |
|
Similar Description - DPG47CE400 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |