Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP112F72CP8N3-C4 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HYMP112F72CP8N3-C4
Description  240pin Fully Buffered DDR2 SDRAM DIMMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP112F72CP8N3-C4 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HYMP112F72CP8N3-C4 Datasheet HTML 1Page - Hynix Semiconductor HYMP112F72CP8N3-C4 Datasheet HTML 2Page - Hynix Semiconductor HYMP112F72CP8N3-C4 Datasheet HTML 3Page - Hynix Semiconductor HYMP112F72CP8N3-C4 Datasheet HTML 4Page - Hynix Semiconductor HYMP112F72CP8N3-C4 Datasheet HTML 5Page - Hynix Semiconductor HYMP112F72CP8N3-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP112F72CP8N3-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP112F72CP8N3-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP112F72CP8N3-C4 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Rev 1.01 / Sep. 2008
5
1
240pin Fully Buffered DDR2 SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
1GB(128Mbx72) ECC FB-DIMM
Notes :
1. DQ-to-I/O wiring may be changed within a byte.
2. There are two physical copies of each address/command/control/clock.
/S0
D0
DQ0
I/O 0
DQ1
I/O 1
DQ2
I/O 2
DQ3
I/O 3
DQ4
I/O 4
DQ5
I/O 5
DQ6
I/O 6
I/O 7
DQ7
/DQS0
DQS9
DQS0
/CS
DQS /DQS
DM
RDQS
NU
/RDQS
D1
DQ8
I/O 0
DQ9
I/O 1
DQ10
I/O 2
DQ11
I/O 3
DQ12
I/O 4
DQ13
I/O 5
DQ14
I/O 6
I/O 7
DQ15
/DQS1
DQS10
DQS1
/CS
DQS /DQS
DM
RDQS
NU
/RDQS
D2
DQ16
I/O 0
DQ17
I/O 1
DQ18
I/O 2
DQ19
I/O 3
DQ20
I/O 4
DQ21
I/O 5
DQ22
I/O 6
I/O 7
DQ23
/DQS2
DQS11
DQS2
/CS
DQS /DQS
DM
RDQS
NU
/RDQS
D3
DQ24
I/O 0
DQ25
I/O 1
DQ26
I/O 2
DQ27
I/O 3
DQ28
I/O 4
DQ29
I/O 5
DQ30
I/O 6
I/O 7
DQ31
/DQS3
DQS12
DQS3
/CS
DQS /DQS
DM
RDQS
NU
/RDQS
D8
CB0
I/O 0
CB1
I/O 1
CB2
I/O 2
CB3
I/O 3
CB4
I/O 4
CB5
I/O 5
CB6
I/O 6
I/O 7
CB7
/DQS8
DQS17
DQS8
/CS
DQS /DQS
DM
RDQS
NU
/RDQS
D4
DQ32
I/O 0
DQ33
I/O 1
DQ34
I/O 2
DQ35
I/O 3
DQ36
I/O 4
DQ37
I/O 5
DQ38
I/O 6
I/O 7
DQ39
/DQS4
DQS13
DQS4
/CS
DQS /DQS
DM
RDQS
NU
/RDQS
D5
DQ40
I/O 0
DQ41
I/O 1
DQ42
I/O 2
DQ43
I/O 3
DQ44
I/O 4
DQ45
I/O 5
DQ46
I/O 6
I/O 7
DQ47
/DQS5
DQS14
DQS5
/CS
DQS /DQS
DM
RDQS
NU
/RDQS
D6
DQ48
I/O 0
DQ49
I/O 1
DQ50
I/O 2
DQ51
I/O 3
DQ52
I/O 4
DQ53
I/O 5
DQ54
I/O 6
I/O 7
DQ55
/DQS6
DQS15
DQS6
/CS
DQS /DQS
DM
RDQS
NU
/RDQS
D7
DQ56
I/O 0
DQ57
I/O 1
DQ58
I/O 2
DQ59
I/O 3
DQ60
I/O 4
DQ61
I/O 5
DQ62
I/O 6
I/O 7
DQ63
/DQS7
DQS16
DQS7
/CS
DQS /DQS
DM
RDQS
NU
/RDQS
SA0 SA1 SA2
WP
SCL
SDA
A0
A1
A2
Serial PD
SCL
U0
SDA
All address/command/control/clock
VTT
A
M
B
PN0-PN13
SN0-SN13
/PN0-/PN13
/SN0-/SN13
PS0-PS9
SS0-SS9
/PS0-/PS9
/SS0-/SS9
DQ0-DQ63
/S0-/CS(all SDRAMs)
CB0-CB7
CKE0 -> CKE
DQS0-DQS17
/DQS0-/DQS8
ODT -> ODT
SCL
SDA
BA0-BA2
SA0-SA2
A0-A15
/RESET
/RAS
/CAS
/WE
CK/ /CK
SCK/ /SCK
VDD SPD
VDD
VREF
VSS
Serial PD,AMB
DO-D8, AMB
DO-D8
DO-D8,SPD, AMB
VCC
AMB
VTT
Terminators


Similar Part No. - HYMP112F72CP8N3-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112L72CP8D5-Y5 HYNIX-HYMP112L72CP8D5-Y5 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112P72CP8-S5 HYNIX-HYMP112P72CP8-S5 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112P72CP8-S6 HYNIX-HYMP112P72CP8-S6 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP112F72CP8N3-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
logo
Qimonda AG
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com