Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPG47DE400 Datasheet(PDF) 3 Page - Dubilier

Part # DPG47DE400
Description  CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DPG47DE400 Datasheet(HTML) 3 Page - Dubilier

  DPG47DE400 Datasheet HTML 1Page - Dubilier DPG47DE400 Datasheet HTML 2Page - Dubilier DPG47DE400 Datasheet HTML 3Page - Dubilier DPG47DE400 Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
71
CAPACITORS
ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(10Hz/105°C)
4700
22.4x35
1.80
25x25
22.4x40
6800
25x35
2.70
35V
30x30
25x45
10000
30x35
3.30
35.5x30
15000
30x45
3.91
35.5x35
22000
35.5x50
4.59
50V
2200
22.4x30
1.55
3300
24.4x35
1.87
25x30
W.V.
Cap
Case Size
Max Ripple Current
[µF]
øDxL[mm]
[A] rms
(10Hz/105°C)
6800
25x25
1.30
10000
20x30
1.84
15000
25x25
1.90
22000
25x30
2.25
10V
25x45
33000
30x35
3.3
35.5x30
47000
30x45
3.8
35x35
68000
35.5x50
5.5
16V
6800
22.4x25
1.55
22.4x30
10000
25x25
1.95
22.4x40
15000
25x35
2.55
30x30
25x45
22000
30x35
3.3
33000
30x45
4.30
35.5x35
47000
35.5x45
5.4
22.4x25
4700
25x30
1.79
30x25
6800
25x25
1.85
25V
22.4x40
10000
25x35
2.40
30x30
25x45
15000
30x35
3.15
35.5x30
22000
30x45
3.75
35.5x35
33000
35.5x50
5.40


Similar Part No. - DPG47DE400

ManufacturerPart #DatasheetDescription
logo
Dubilier
DPG47DE400 DUBILIER-DPG47DE400 Datasheet
302Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
More results

Similar Description - DPG47DE400

ManufacturerPart #DatasheetDescription
logo
Dubilier
DPG47AC400 DUBILIER-DPG47AC400_11 Datasheet
302Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN DPG
DPG DUBILIER-DPG Datasheet
302Kb / 4P
   ALUMINIUM ELECTROLYTIC HIGH TEMP. SNAP-IN
CLP1000CF200 DUBILIER-CLP1000CF200_11 Datasheet
296Kb / 4P
   CAPACITORS ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
CLP1000CF200 DUBILIER-CLP1000CF200 Datasheet
165Kb / 4P
   ALUMINIUM ELECTROLYTIC STANDARD TEMP. SNAP-IN CLP
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
DJ3 DUBILIER-DJ3 Datasheet
285Kb / 3P
   ALUMINIUM ELECTROLYTIC HIGH TEMP
logo
Kemet Corporation
EXV KEMET-EXV Datasheet
88Kb / 1P
   EXV Aluminium Electrolytic Capacitors
logo
Panasonic Semiconductor
ECEA6.3U0R1W PANASONIC-ECEA6.3U0R1W Datasheet
181Kb / 9P
   Aluminium Electrolytic Capacitors/SU
logo
NXP Semiconductors
165RHT PHILIPS-165RHT Datasheet
54Kb / 10P
   Aluminium electrolytic capacitors Radial High Temperature
1998 Jan 29
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com