Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSU0402W104KN Datasheet(PDF) 3 Page - Dubilier

Part # DSU0402W104KN
Description  SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSU0402W104KN Datasheet(HTML) 3 Page - Dubilier

  DSU0402W104KN Datasheet HTML 1Page - Dubilier DSU0402W104KN Datasheet HTML 2Page - Dubilier DSU0402W104KN Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
1
SURFACE MOUNT
PERFORMANCE CHARACTERISTICS
CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
REEL DIMENSIONS (mm)
TAPE DIMENSIONS (mm)
D0
A0
B0
E
F
G
W
P
P2
P0
directional of unreeling
Type C
Type P
t
t
K1
W
Type
D0
P
P0
P
E
F
G
t
8.0 ± 0.3
C
1.5 +0.1, -0
4.0 ± 0.1
4.0 ± 0.1
2.0 ± -0.05
1.75 ± 0.1
3.5 ± 0.05
0.75 min
1.1 max
8.0 ± 0.3
P
1.5 +0.1, -0
4.0 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
1.75 ± 0.1
3.5 ± 0.05
0.75 min
0.3 max
12.0 ± 0.3
P
1.5 +0.1, -0
8.0 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
1.75 ± 0.1
5.5 ± 0.05
0.75 min
0.1 max
C = Card P = Plastic
2 ± 0.5
+0.15
-0
12.75
+0.5
-0
20.5
W1
62
±
1.5
A
Nom. Tape Width
A
W1
8
180 or 330 +0-2
8.4 +1.5-0
12
180 or 330 +0-2
12.4 +2-0
PERFROMANCE CHARACTERISTICS
1. ELECTRICAL
Dielectric Code
X7R
X5R
Y5V
Z5U
General
X7R dielectrics offer higher
capacitance for a given
case size than COG.
X5R dielectrics offer higher
capacitance for a given
case size than X7R.
Y5V dielectrics offer the
highest capacitance for
a given case size than X5R.
Z5U dielectrics offer the
highest cpacitance for a
given case size than Y5V.
Examples of Applications
Applications would include
bypass, coupling and filter-
ing circuits.
Applictaions would include
bypass, coupling and filter-
ing circuits.
Applications would include
bypass and decoupling
circuits or where tempera-
ture dependence is not of
major importance.
Applications would include
bypass and decoupling
circuits or where tempera-
ture dependance is not of
major importance.
Temperature Range
-55° to + 125°
- 55° to + 85°
- 25° to + 85°
- 25° to + 85°
Insulation Resistance (I.R.)
after 1 min charging at
Rated Voltage
>100G ohms or 1000 sec
whichever is less
>100G ohms or 1000sec
whichever is less.
>10G ohms or 100 sec
whichever is less.
>10G ohms or 100 sec
whichever is less.
Voltage Ratings dc
10, 16, 25, 50
10,16,25
10, 16, 25, 35
10, 16, 25, 35
Proof Voltage
2.5 x rated voltage
2.5 X rated voltage.
2 x rated voltage
2.5 x rated voltage
Max allowable Capaci-
tance
Variation over Temperature
Range
± 15%
± 15%
+30% to - 80%
+22% to - 56%
. ENVIRONMENT
Test
Conditions
Requirement
Resistance to soldering heat
Components completely immersed in a solder
bath at 260 ± 10° for 5 secs.
25% Max leaching on each edge
Adhesion
Component mounted to substrate a force of
5N applied normal to the line joining the termi-
nation and in a line parallel to the substrate.
No visible damage
Rapid change or Temperature
- 55 to 125°C, 5 cycles (1B, 2C1)
- 25 to +85°, 5 cycles (2F4)
No visible damage. After recovery
∆ C/C
≤±1% or pF
COG
∆ C/C
≤±10%
X7R
∆ C/C
≤±10%
X5R
∆ C/C
≤±20%
Y5V
Tan
≤1.5 x specified value
IR.
≤0.25 x specified value


Similar Part No. - DSU0402W104KN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSU0603C101JN DUBILIER-DSU0603C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSU0603C103JN DUBILIER-DSU0603C103JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSU0603C104JN DUBILIER-DSU0603C104JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSU0603X101JN DUBILIER-DSU0603X101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSU0603X103JN DUBILIER-DSU0603X103JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
More results

Similar Description - DSU0402W104KN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSU0805C101JN DUBILIER-DSU0805C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSHVJ1206C470JN DUBILIER-DSHVJ1206C470JN Datasheet
259Kb / 7P
   SURFACE MOUNT CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603_17 Datasheet
78Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 28-Sep-17
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0402 VISHAY-ILC0402 Datasheet
78Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com