Electronic Components Datasheet Search |
|
HYMP112L72CP8D5-Y5 Datasheet(PDF) 3 Page - Hynix Semiconductor |
|
HYMP112L72CP8D5-Y5 Datasheet(HTML) 3 Page - Hynix Semiconductor |
3 / 26 page Rev 1.0 / June 2008 3 1 240pin Fully Buffered DDR2 SDRAM DIMMs Input/Output Functional Description Pin Name type Polarity Function Description Count SCK Input Positive System clock input 1 SCK Input Negative System clock input 1 PN[13:0] Output Positive Primary Northbound Data 14 PN[13:0] Output Negative Primary Northbound Data 14 PS[9:0] Input Positive Primary Southbound Data 10 PS[9:0] Input Negative Primary Southbound Data 10 SN[13:0] Output Positive Secondary Northbound Data 14 SN[13:0] Output Negative Secondary Northbound Data 14 SS[9:0] Input Positive Secondary Southbound Data 10 SS[9:0] Input Negative Secondary Southbound Data 10 SCL Input - Serial Presence Datect (SPD) Clock Input 1 SDA Input / Output - SPD Data Input / Output 1 SA[2:0] Input - SPD Address inputs, also used to select the DIMM number in the AMB 3 VID[1:0] Input - Voltage ID: These pins must be unconnected for DDR2-based Fully buff- ered DIMMs 2 RESET Input Active Low AMB reset signal 1 RFU - - Reserved for Future Use 16 VCC Supply +1.5V AMB Core Power and AMB channel Interface Power(1.5volt) 8 VDD Supply +1.8V DRAM Power and AMB DRAM I/O Power 24 VTT Supply +0.9V DRAM Address/Command/Clock Termination Power(VDD/2) 4 VDDSPD Supply +3.3V SPD Power 1 VSS Supply Ground 80 DNU/M_Test - / Analog - / 0.9V The DNU/M_Test pin provides an external connection on R/Cs A-D for testing the margin of Vref which is produced by a voltage divider on the module. It is not intended to be used in normal system operation and must not be connected(DNU) in a system. This test pin may have other features on future card designs and if it does, will be included in this specification at that time. 1 Total 240 |
Similar Part No. - HYMP112L72CP8D5-Y5 |
|
Similar Description - HYMP112L72CP8D5-Y5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |