Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP112P72CP8-C4 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HYMP112P72CP8-C4
Description  240pin Registered DDR2 SDRAM DIMMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP112P72CP8-C4 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HYMP112P72CP8-C4 Datasheet HTML 6Page - Hynix Semiconductor HYMP112P72CP8-C4 Datasheet HTML 7Page - Hynix Semiconductor HYMP112P72CP8-C4 Datasheet HTML 8Page - Hynix Semiconductor HYMP112P72CP8-C4 Datasheet HTML 9Page - Hynix Semiconductor HYMP112P72CP8-C4 Datasheet HTML 10Page - Hynix Semiconductor HYMP112P72CP8-C4 Datasheet HTML 11Page - Hynix Semiconductor HYMP112P72CP8-C4 Datasheet HTML 12Page - Hynix Semiconductor HYMP112P72CP8-C4 Datasheet HTML 13Page - Hynix Semiconductor HYMP112P72CP8-C4 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Rev. 0.7 / Jun. 2009
10
1
240pin Registered DDR2 SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
4GB(512Mbx72): HYMP151[R,P]72CP4
VSS
RS0
RS1
DQS0
DQ0
DQ1
DQ2
I/O 0
I/O 1
I/O 2
I/O 3
CS
D18
RS0 -> CS: SDRAMs D0-D17
S0*
S1*
BA0-BA2***
A0-A15***
RAS
CAS
WE
CKE0
CKE1
ODT1
ODT0
RESET**
PCK7**
PCK7**
RS1 -> CS: SDRAMs D18-D35
RBA0-RBA2 -> BA0-BA2: SDRAMs D0-D35
RA0-RA15 -> A0-A15: SDRAMs D0-D35
RRAS -> RAS: SDRAMs D0-D35
RCAS -> CAS: SDRAMs D0-D35
RWE -> WE: SDRAMs D0-D35
RCKE0 -> CKE0-1: SDRAMs D0-D17
RCKE1 -> CKE0-1: SDRAMs D18-D35
RODT0 -> ODT1: SDRAMs D0-D17
RODT1 -> ODT1: SDRAMs D18-D35
*S0 connects to DCS and S1 command to CRS on a pair of Register, S2 connects to DCS and S0 connect to CRS on another pair of Register.
** RESET, PCK7 and PCK7 connect to all Registers. Other signals connect to one pair of four Registers.
*** A14-15, BA2 have the optional pull down resistors (100K ohms), which is not indicated here.
1:2
R
E
G
I
S
T
E
R
PCK7 -> CK: Register
PCK7 -> CK: Register
PCK0-PCK6, PCK8, PCK9 -> CK: SDRAMs D0-D35
PCK0-PCK6, PCK8, PCK9 -> CK: SDRAMs D0-D35
P
L
L
RST
CK0
CK0
RESET
OE
Register
Register
PARIN
PTYERR
PARIN
PTYERR
Par_In
Err_Out
Serial PD
WP A0 A1 A2
SA0 SA1 SA2
SCL
SDA
100KΩ
0Ω
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D0
DM
DQS
DQS
DQS0
I/O 0
I/O 1
I/O 2
I/O 3
CS
D27
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D9
DM
DQS
DQS
DQ3
DQS9
DQS9
DQ4
DQ5
DQ6
DQ7
DQS1
DQ8
DQ9
DQ10
I/O 0
I/O 1
I/O 2
I/O 3
CS
D19
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D1
DM
DQS
DQS
DQS1
I/O 0
I/O 1
I/O 2
I/O 3
CS
D28
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D10
DM
DQS
DQS
DQ11
DQS10
DQS10
DQ12
DQ13
DQ14
DQ15
DQS2
DQ16
DQ17
DQ18
I/O 0
I/O 1
I/O 2
I/O 3
CS
D20
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D2
DM
DQS
DQS
DQS2
I/O 0
I/O 1
I/O 2
I/O 3
CS
D29
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D11
DM
DQS
DQS
DQ19
DQS11
DQS11
DQ20
DQ21
DQ22
DQ23
DQS3
DQ24
DQ25
DQ26
I/O 0
I/O 1
I/O 2
I/O 3
CS
D21
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D3
DM
DQS
DQS
DQS3
I/O 0
I/O 1
I/O 2
I/O 3
CS
D30
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D12
DM
DQS
DQS
DQ27
DQS12
DQS12
DQ28
DQ29
DQ30
DQ30
DQS8
DQS17
RS0
RS1
DQS4
DQ32
DQ33
DQ34
I/O 0
I/O 1
I/O 2
I/O 3
CS
D22
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D4
DM
DQS
DQS
DQS4
I/O 0
I/O 1
I/O 2
I/O 3
CS
D31
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D13
DM
DQS
DQS
DQ35
DQS13
DQS13
DQ36
DQ37
DQ38
DQ39
DQS5
DQ40
DQ41
DQ42
I/O 0
I/O 1
I/O 2
I/O 3
CS
D23
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D5
DM
DQS
DQS
DQS5
I/O 0
I/O 1
I/O 2
I/O 3
CS
D32
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D14
DM
DQS
DQS
DQ43
DQS14
DQS14
DQ44
DQ45
DQ46
DQ47
DQS6
DQ48
DQ49
DQ50
I/O 0
I/O 1
I/O 2
I/O 3
CS
D24
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D6
DM
DQS
DQS
DQS6
I/O 0
I/O 1
I/O 2
I/O 3
CS
D33
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D15
DM
DQS
DQS
DQ51
DQS15
DQS15
DQ52
DQ53
DQ54
DQ55
DQS7
DQ56
DQ57
DQ58
I/O 0
I/O 1
I/O 2
I/O 3
CS
D25
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D7
DM
DQS
DQS
DQS7
I/O 0
I/O 1
I/O 2
I/O 3
CS
D34
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D16
DM
DQS
DQS
DQ59
DQS16
DQS16
DQ60
DQ61
DQ62
DQ63
Note:
1. DQ-to-I/O wiring may be changed within a nibble.
2. Unless otherwise noted, resistor values are 22 Ohms ± 5%.
3. RS0 and RS1 alternate between the bottom and surface sides of the DIMM.
CB0
CB1
CB2
I/O 0
I/O 1
I/O 2
I/O 3
CS
D26
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D8
DM
DQS
DQS
DQS8
I/O 0
I/O 1
I/O 2
I/O 3
CS
D35
DM
DQS
DQS
I/O 0
I/O 1
I/O 2
I/O 3
CS
D17
DM
DQS
DQS
CB3
DQS17
CB4
CB5
CB6
CB7
Signals for Address and Command
Parity Function
o ohm resistor on Err_Out is not populated
for non-parity card.
The resistors on Par_In,A13,A14,A15,BA2
and the signal line of Err_Out refer to the
section:
“Register Options for Unused Address
input”
D0–D35
D0–D35
VREF
SPD
VDD/VDDQ
VSS
D0–D35
VDDSPD


Similar Part No. - HYMP112P72CP8-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
HYMP112P72CP8L-S6 HYNIX-HYMP112P72CP8L-S6 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
HYMP112P72CP8L-Y5 HYNIX-HYMP112P72CP8L-Y5 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
More results

Similar Description - HYMP112P72CP8-C4

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
HMP112V7EFR8C-C4 HYNIX-HMP112V7EFR8C-C4 Datasheet
552Kb / 24P
   240pin DDR2 VLP Registered DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com