Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP164U64CP6-S5 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HYMP164U64CP6-S5
Description  240pin DDR2 SDRAM Unbuffered DIMMs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP164U64CP6-S5 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HYMP164U64CP6-S5 Datasheet HTML 7Page - Hynix Semiconductor HYMP164U64CP6-S5 Datasheet HTML 8Page - Hynix Semiconductor HYMP164U64CP6-S5 Datasheet HTML 9Page - Hynix Semiconductor HYMP164U64CP6-S5 Datasheet HTML 10Page - Hynix Semiconductor HYMP164U64CP6-S5 Datasheet HTML 11Page - Hynix Semiconductor HYMP164U64CP6-S5 Datasheet HTML 12Page - Hynix Semiconductor HYMP164U64CP6-S5 Datasheet HTML 13Page - Hynix Semiconductor HYMP164U64CP6-S5 Datasheet HTML 14Page - Hynix Semiconductor HYMP164U64CP6-S5 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Rev. 0.6 / Jul. 2008
11
1240pin DDR2 SDRAM Unbuffered DIMMs
ABSOLUTE MAXIMUM RATINGS
Operation Conditions and Environmental Parameters
Note :
1. Stress greater than those listed may cause permanent damage to the device. This is a stress rating only, and device
functional operation at or above the conditions indicated is not implied. Expousure to absolute maximum rating con
ditions for extended periods may affect reliablility.
2. Up to 9850 ft.
3. If the DRAM case temperature is Above 85oC, the Auto-Refresh command interval has to be reduced to
tREFI=3.9us. For Measurement conditions of TCASE, please refer to the JEDEC document JESD51-2.
DC OPERATING CONDITIONS (SSTL_1.8)
Note:
1. Min. Typ. and Max. values increase by 100mV for C3(DDR2-533 3-3-3) speed option.
2. VDDQ tracks with VDD,VDDL tracks with VDD. AC parameters are measured with VDD,VDDQ and VDD.
3. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the
value of VREF is expected to be about 0.5 x VDDQ of the transmitting device and VREF is expected to track vari-
ations in VDDQ.
4. Peak to peak ac noise on VREF may not exceed +/-2% VREF (dc).
5. VTT of transmitting device must track VREF of receiving device.
Parameter
Symbol
Value
Unit
Note
Voltage on VDD pin relative to Vss
VDD
- 1.0 ~ 2.3
V
1
Voltage on VDDQ pin relative to Vss
VDDQ
- 0.5 ~ 2.3
V
1
Voltage on any pin relative to Vss
VIN, VOUT
- 0.5 ~ 2.3
V
1
Parameter
Symbol
Rating
Units
Notes
DIMM Operating temperature(ambient)
TOPR
0 ~ +55
oC
Storage Temperature
TSTG
-50 ~ +100
oC
1
Storage Humidity(without condensation)
HSTG
5 to 95
%
1
DIMM Barometric Pressure(operating & storage)
PBAR
105 to 69
K Pascal
2
DRAM Component Case Temperature Range
TCASE
0 ~+95
oC3
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.7
1.8
1.9
V
1
VDDL
Supply Voltage for DLL
1.7
1.8
1.9
V
1,2
VDDQ
Supply Voltage for Output
1.7
1.8
1.9
V
1,2
VREF
Input Reference Voltage
0.49*VDDQ
0.50*VDDQ
0.51*VDDQ
mV
3,4
VTT
Termination Voltage
VREF-0.04
VREF
VREF+0.04
V
5
VDDSPD
EEPROM Supply Voltage
1.7
-
3.6
V


Similar Part No. - HYMP164U64CP6-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP164S64CP6-C4 HYNIX-HYMP164S64CP6-C4 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP164S64CP6-S5 HYNIX-HYMP164S64CP6-S5 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP164S64CP6-S6 HYNIX-HYMP164S64CP6-S6 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP164S64CP6-Y5 HYNIX-HYMP164S64CP6-Y5 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP164S64CR6-C4 HYNIX-HYMP164S64CR6-C4 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
More results

Similar Description - HYMP164U64CP6-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com