Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP164U64CR6-S5 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMP164U64CR6-S5
Description  240pin DDR2 SDRAM Unbuffered DIMMs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP164U64CR6-S5 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMP164U64CR6-S5 Datasheet HTML 1Page - Hynix Semiconductor HYMP164U64CR6-S5 Datasheet HTML 2Page - Hynix Semiconductor HYMP164U64CR6-S5 Datasheet HTML 3Page - Hynix Semiconductor HYMP164U64CR6-S5 Datasheet HTML 4Page - Hynix Semiconductor HYMP164U64CR6-S5 Datasheet HTML 5Page - Hynix Semiconductor HYMP164U64CR6-S5 Datasheet HTML 6Page - Hynix Semiconductor HYMP164U64CR6-S5 Datasheet HTML 7Page - Hynix Semiconductor HYMP164U64CR6-S5 Datasheet HTML 8Page - Hynix Semiconductor HYMP164U64CR6-S5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Rev. 0.6 / Jul. 2008
4
1240pin DDR2 SDRAM Unbuffered DIMMs
PIN CONFIGURATION
PIN ASSIGNMENT
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
1
VREF
41
VSS
81
DQ33
121
VSS
161
NC(CB4)*
201
VSS
2
VSS
42
NC(CB0)*
82
VSS
122
DQ4
162
NC(CB5)*
202
DM4
3
DQ0
43
NC(CB1)*
83
DQS4
123
DQ5
163
VSS
203
NC
4
DQ1
44
VSS
84
DQS4
124
VSS
164
NC(DM8)*
204
VSS
5
VSS
45
NC(DQS8)*
85
VSS
125
DM0
165
NC
205
DQ38
6DQS0
46
NC(DQS8)*
86
DQ34
126
NC
166
VSS
206
DQ39
7
DQS0
47
VSS
87
DQ35
127
VSS
167
NC(CB6)*
207
VSS
8
VSS
48
NC(CB2)*
88
VSS
128
DQ6
168
NC(CB7)*
208
DQ44
9
DQ2
49
NC(CB3)*
89
DQ40
129
DQ7
169
VSS
209
DQ45
10
DQ3
50
VSS
90
DQ41
130
VSS
170
VDDQ
210
VSS
11
VSS
51
VDDQ
91
VSS
131
DQ12
171
CKE1
211
DM5
12
DQ8
52
CKE0
92
DQS5
132
DQ13
172
VDD
212
NC
13
DQ9
53
VDD
93
DQS5
133
VSS
173
A15
213
VSS
14
VSS
54
BA2
94
VSS
134
DM1
174
A14
214
DQ46
15
DQS1
55
NC
95
DQ42
135
NC
175
VDDQ
215
DQ47
16
DQS1
56
VDDQ
96
DQ43
136
VSS
176
A12
216
VSS
17
VSS
57
A11
97
VSS
137
CK1
177
A9
217
DQ52
18
NC
58
A7
98
DQ48
138
CK1
178
VDD
218
DQ53
19
NC
59
VDD
99
DQ49
139
VSS
179
A8
219
VSS
20
VSS
60
A5
100
VSS
140
DQ14
180
A6
220
CK2
21
DQ10
61
A4
101
SA2
141
DQ15
181
VDDQ
221
CK2
22
DQ11
62
VDDQ
102
NC,TEST1
142
VSS
182
A3
222
VSS
1 pin
Front Side
64 pin 65 pin
120 pin
121 pin
Back Side
184 pin 185 pin
240 pin
* The pin names in parenthesises are applied to DIMM with ECC only.


Similar Part No. - HYMP164U64CR6-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP164S64CP6-C4 HYNIX-HYMP164S64CP6-C4 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP164S64CP6-S5 HYNIX-HYMP164S64CP6-S5 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP164S64CP6-S6 HYNIX-HYMP164S64CP6-S6 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP164S64CP6-Y5 HYNIX-HYMP164S64CP6-Y5 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP164S64CR6-C4 HYNIX-HYMP164S64CR6-C4 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
More results

Similar Description - HYMP164U64CR6-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com