Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYC58X-600 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYC58X-600
Description  8 A hyperfast rectifier diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BYC58X-600 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYC58X-600 Datasheet HTML 1Page - NXP Semiconductors BYC58X-600 Datasheet HTML 2Page - NXP Semiconductors BYC58X-600 Datasheet HTML 3Page - NXP Semiconductors BYC58X-600 Datasheet HTML 4Page - NXP Semiconductors BYC58X-600 Datasheet HTML 5Page - NXP Semiconductors BYC58X-600 Datasheet HTML 6Page - NXP Semiconductors BYC58X-600 Datasheet HTML 7Page - NXP Semiconductors BYC58X-600 Datasheet HTML 8Page - NXP Semiconductors BYC58X-600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BYC58X-600_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2010
2 of 11
NXP Semiconductors
BYC58X-600
8 A hyperfast rectifier diode
2.
Pinning information
3.
Ordering information
Dynamic characteristics
trr
reverse recovery
time
IF =8A; VR =400 V;
dIF/dt = 200 A/µs; Tj =25 °C;
see Figure 6
-
12.5
-
ns
IF =8A; VR =400 V;
dIF/dt = 200 A/µs; Tj = 125 °C;
see Figure 6 and 7
-21
-
ns
Qr
recovered charge
IF =8A; VR =400 V;
dIF/dt = 200 A/µs; Tj = 125 °C;
see Figure 5 and 6
-40
-
nC
Static characteristics
VF
forward voltage
IF =8A; Tj =25°C;
see Figure 4
-
2.35
3.2
V
IF =8A; Tj =150 °C;
see Figure 4
-2
2.4
V
Table 1.
Quick reference …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
SOD113 (TO-220F)
2
A
anode
mb
n.c.
mounting base; isolated
2
1
mb
A
001aaa020
K
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BYC58X-600
TO-220F
plastic single-ended package; isolated heatsink mounted; 1 mounting
hole; 2-lead TO-220 "full pack"
SOD113


Similar Part No. - BYC58X-600

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYC58X-600 WEEN-BYC58X-600 Datasheet
360Kb / 10P
   Hyperfast power diode
logo
NXP Semiconductors
BYC58X-600 PHILIPS-BYC58X-600_15 Datasheet
183Kb / 11P
   8 A hyperfast rectifier diode
Rev. 01-23 February 2010
More results

Similar Description - BYC58X-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC58X-600 PHILIPS-BYC58X-600_15 Datasheet
183Kb / 11P
   8 A hyperfast rectifier diode
Rev. 01-23 February 2010
logo
Vishay Siliconix
VS-8ETX06SPBF VISHAY-VS-8ETX06SPBF Datasheet
170Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 10-Jul-15
8ETX06PBF VISHAY-8ETX06PBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Aug-08
8ETH03 VISHAY-8ETH03 Datasheet
110Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8ETH06PBF VISHAY-8ETH06PBF_11 Datasheet
185Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8ETH06SPBF VISHAY-8ETH06SPBF_10 Datasheet
178Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
8ETH03PBF VISHAY-8ETH03PBF_11 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETX06S-M3 VISHAY-VS-8ETX06S-M3_V01 Datasheet
228Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt짰
01-Jan-2022
VS-8EWH06FNM3 VISHAY-VS-8EWH06FNM3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 11-Apr-18
VS-8ETH06S-M3 VISHAY-VS-8ETH06S-M3 Datasheet
218Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 24-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com