Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMP151F72CP4D5-Y5 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HYMP151F72CP4D5-Y5
Description  240pin Fully Buffered DDR2 SDRAM DIMMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP151F72CP4D5-Y5 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HYMP151F72CP4D5-Y5 Datasheet HTML 1Page - Hynix Semiconductor HYMP151F72CP4D5-Y5 Datasheet HTML 2Page - Hynix Semiconductor HYMP151F72CP4D5-Y5 Datasheet HTML 3Page - Hynix Semiconductor HYMP151F72CP4D5-Y5 Datasheet HTML 4Page - Hynix Semiconductor HYMP151F72CP4D5-Y5 Datasheet HTML 5Page - Hynix Semiconductor HYMP151F72CP4D5-Y5 Datasheet HTML 6Page - Hynix Semiconductor HYMP151F72CP4D5-Y5 Datasheet HTML 7Page - Hynix Semiconductor HYMP151F72CP4D5-Y5 Datasheet HTML 8Page - Hynix Semiconductor HYMP151F72CP4D5-Y5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
240pin Fully Buffered DDR2 SDRAM DIMMs based on 1Gb C-ver.
This document is a general product description and is subject to change without notice. Hynix Electronics does not
assume any responsibility for use of circuits described. No patent licenses are implied.
Rev 1.01 /Sep. 2008
1
This Hynix’s Fully Buffered DIMM is a high-bandwidth & large capacity channel solution that has a narrow
host interface. Hynix’s FB-DIMM features novel architecture including the Advanced Memory Buffer that
isolates the DDR2 SDRAMs from the channel. This single component located in the front side center of
each DIMM, acts as a repeater and buffer for all signals and commands which are exchanged between the
host controller and the DDR2 SDRAMs including data in and output. The AMB communicates with the host
controller and adjacent DIMMs on a system board using an industry standard Differential Point to Point
Link Interface at 1.5V power.
The AMB also allows buffering of memory traffic to support large memory capacities. All memory control
for the DDR2 SDRAM devices resides in the host, including memory request initiation, timing, refresh,
scrubbing, sparing, configuration access and power management. The AMB interface is responsible for
handling channel and memory requests to and from the local FBDIMM and for forwarding request to other
FBDIMMs on the memory channel.
FEATURES
240 pin Fully Buffered ECC Dual-In-Line DDR2 SDRAM Module
JEDEC standard Double Data Rate2 Synchronous DRAMs (DDR2 SDRAMs) with 1.8V +/- 0.1V Power Supply
All inputs and outputs are compatible with SSTL_1.8 interface
Built with 1Gb DDR2 SDRAMs in 60ball FBGA
Host interface and AMB component industry standard compliant
MBIST, IBIST test functions
•8 Bank architecture
OCD (Off-Chip Driver Impedance Adjustment)
•ODT (On-Die Termination)
Fully differential clock operations (CK & CK)
Programmable Burst Length 4 / 8 with both sequential and interleave mode
Auto refresh and self refresh supported
8192 refresh cycles / 64ms
Serial presence detect with EEPROM
133.35 x 30.35 mm form factor
•RoHS compliant
Full DIMM Heat Spreader


Similar Part No. - HYMP151F72CP4D5-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP151L72CP4D5-C4 HYNIX-HYMP151L72CP4D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP151L72CP4D5-Y5 HYNIX-HYMP151L72CP4D5-Y5 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP151P72CP4-C4 HYNIX-HYMP151P72CP4-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP151P72CP4-S5 HYNIX-HYMP151P72CP4-S5 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP151P72CP4-S6 HYNIX-HYMP151P72CP4-S6 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP151F72CP4D5-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
logo
Qimonda AG
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com