Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4064CX8 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # IP4064CX8
Description  Integrated SIM card passive filter array with ESD protection to IEC 61000-4-2 level 4
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4064CX8 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button IP4064CX8 Datasheet HTML 6Page - NXP Semiconductors IP4064CX8 Datasheet HTML 7Page - NXP Semiconductors IP4064CX8 Datasheet HTML 8Page - NXP Semiconductors IP4064CX8 Datasheet HTML 9Page - NXP Semiconductors IP4064CX8 Datasheet HTML 10Page - NXP Semiconductors IP4064CX8 Datasheet HTML 11Page - NXP Semiconductors IP4064CX8 Datasheet HTML 12Page - NXP Semiconductors IP4064CX8 Datasheet HTML 13Page - NXP Semiconductors IP4064CX8 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IP4064CX8_IP4364CX8_IP4366CX8_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 11 February 2010
10 of 14
NXP Semiconductors
IP4064CX8; IP4364CX8; IP4366CX8
Integrated SIM card passive filter array with ESD protection
For further information on temperature profiles, refer to application note AN10365
“Surface mount reflow soldering description”.
9.3.1 Stand off
The stand off between the substrate and the chip is determined by:
The amount of printed solder on the substrate
The size of the solder land on the substrate
The bump height on the chip
The higher the stand off, the better the stresses are released due to TEC (Thermal
Expansion Coefficient) differences between substrate and chip.
9.3.2 Quality of solder joint
A flip-chip joint is considered to be a good joint when the entire solder land has been
wetted by the solder from the bump. The surface of the joint should be smooth and the
shape symmetrical. The soldered joints on a chip should be uniform. Voids in the bumps
after reflow can occur during the reflow process in bumps with high ratio of bump diameter
to bump height, i.e. low bumps with large diameter. No failures have been found to be
related to these voids. Solder joint inspection after reflow can be done with X-ray to
monitor defects such as bridging, open circuits and voids.
9.3.3 Rework
In general, rework is not recommended. By rework we mean the process of removing the
chip from the substrate and replacing it with a new chip. If a chip is removed from the
substrate, most solder balls of the chip will be damaged. In that case it is recommended
not to re-use the chip again.
MSL: Moisture Sensitivity Level
Fig 9.
Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature


Similar Part No. - IP4064CX8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4064CX8LF NXP-IP4064CX8LF Datasheet
84Kb / 13P
   Integrated SIM card passive filter array with ESD protection to IEC61000-4-2, level 4
Rev. 01-12 November 2007
More results

Similar Description - IP4064CX8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4365CX11 NXP-IP4365CX11 Datasheet
244Kb / 12P
   Integrated (U)SIM card passive filter array and USB full speed ESD protection to IEC 61000-4-2 level 4
Rev. 01-26 March 2010
IP4064CX8LF NXP-IP4064CX8LF Datasheet
84Kb / 13P
   Integrated SIM card passive filter array with ESD protection to IEC61000-4-2, level 4
Rev. 01-12 November 2007
IP5306CX8 NXP-IP5306CX8 Datasheet
247Kb / 15P
   Integrated differential microphone filter with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP3047CX6 NXP-IP3047CX6 Datasheet
273Kb / 11P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 2-23 November 2010
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP4251 NXP-IP4251 Datasheet
100Kb / 16P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 03-6 May 2009
logo
Nexperia B.V. All right...
IP3053CX5 NEXPERIA-IP3053CX5 Datasheet
609Kb / 16P
   Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP4041CX25 NXP-IP4041CX25 Datasheet
242Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com