Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP125F7EFR8C-Y5N3 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HMP125F7EFR8C-Y5N3
Description  240pin Fully Buffered DDR2 SDRAM DIMMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP125F7EFR8C-Y5N3 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HMP125F7EFR8C-Y5N3 Datasheet HTML 1Page - Hynix Semiconductor HMP125F7EFR8C-Y5N3 Datasheet HTML 2Page - Hynix Semiconductor HMP125F7EFR8C-Y5N3 Datasheet HTML 3Page - Hynix Semiconductor HMP125F7EFR8C-Y5N3 Datasheet HTML 4Page - Hynix Semiconductor HMP125F7EFR8C-Y5N3 Datasheet HTML 5Page - Hynix Semiconductor HMP125F7EFR8C-Y5N3 Datasheet HTML 6Page - Hynix Semiconductor HMP125F7EFR8C-Y5N3 Datasheet HTML 7Page - Hynix Semiconductor HMP125F7EFR8C-Y5N3 Datasheet HTML 8Page - Hynix Semiconductor HMP125F7EFR8C-Y5N3 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Rev. 0.2 / Sep. 2008
2
1
240pin Fully Buffered DDR2 SDRAM DIMMs
ORDERING INFORMATION
Note
*: The 17th and 18th digits stand for AMB vendor and revision.
**: ‘R’ of Part Number;11th digit, stands for lead & Halogen free products.
***: Intel AMB for H/F is under development
SPEED GRADE & KEY PARAMETERS
ADDRESS TABLE
Part Name
Density
Org.
# of
DRAMs
# of
ranks
AMB
H. S type Height
Vendor
Version
HMP112F7EFR8C-Y5N3
1GB
128Mx72
9
1
Intel
D1
Full
Module
30.35mm
HMP112F7EFR8C-Y5/S5/S6D3
IDT
C1
HMP112F7EFR8C-Y5/S5/S6D5
AMB+
HMP125F7EFR8C-Y5N3
2GB
256Mx72
18
2
Intel
D1
HMP125F7EFR8C-Y5/S5/S6D3
IDT
C1
HMP125F7EFR8C-Y5/S5/S6D5
AMB+
HMP151F7EFR4C-Y5N3
4GB
512Mx72
36
2
Intel
D1
HMP151F7EFR4C-Y5/S5/S6D3
IDT
C1
HMP151F7EFR4C-Y5/S5/S6D5
AMB+
HMP151F7EFR8C-Y5/S5/S6D5
4GB
512Mx72
36
4
IDT
AMB+
HMP31GF7EMR4C-Y5/S5/S6D5
8GB
1Gx72
72
4
AMB+
Speed Grade
Y5
S5/6
Unit
DDR2 DRAM Speed Grade
DDR2 667 5-5-5
DDR2 800 5-5-5 / 6-6-6
FB-DIMM Speed Grade
PC2 5300
PC2 6400
FB-DIMM Peak Channel Throughput
8.0
9.6
GByte/S
FB-DIMM Link Transfer Rate
4.0
4.8
GT/s
Density
Organization
Ranks SDRAMs
# of
DRAMs
# of row/bank/column Address
Refresh
Method
1GB
128M x 72
1
128Mbx8
9
14(A0~A13)/3(BA0~BA2)/10(A0~A9)
8K / 64ms
2GB
256M x 72
2
128Mbx8
18
14(A0~A13)/3(BA0~BA2)/10(A0~A9)
8K / 64ms
4GB
512M x 72
2
256Mbx4
36
14(A0~A13)/3(BA0~BA2)/11(A0~A9,A11)
8K / 64ms
4GB
512M x 72
4
128Mbx8
36
14(A0~A13)/3(BA0~BA2)/10(A0~A9)
8K / 64ms
8GB
1G x 72
4
256Mbx4
72
14(A0~A13)/3(BA0~BA2)/11(A0~A9,A11)
8K / 64ms


Similar Part No. - HMP125F7EFR8C-Y5N3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP125P7EFR4C-C4 HYNIX-HMP125P7EFR4C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP125P7EFR4C-C4 HYNIX-HMP125P7EFR4C-C4 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP125P7EFR4C-S5 HYNIX-HMP125P7EFR4C-S5 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP125P7EFR4C-S5 HYNIX-HMP125P7EFR4C-S5 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP125P7EFR4C-S6 HYNIX-HMP125P7EFR4C-S6 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
More results

Similar Description - HMP125F7EFR8C-Y5N3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
logo
Qimonda AG
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com