Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP164U6EFR8C-S5 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HMP164U6EFR8C-S5
Description  1240pin DDR2 SDRAM Unbuffered DIMMs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP164U6EFR8C-S5 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HMP164U6EFR8C-S5 Datasheet HTML 1Page - Hynix Semiconductor HMP164U6EFR8C-S5 Datasheet HTML 2Page - Hynix Semiconductor HMP164U6EFR8C-S5 Datasheet HTML 3Page - Hynix Semiconductor HMP164U6EFR8C-S5 Datasheet HTML 4Page - Hynix Semiconductor HMP164U6EFR8C-S5 Datasheet HTML 5Page - Hynix Semiconductor HMP164U6EFR8C-S5 Datasheet HTML 6Page - Hynix Semiconductor HMP164U6EFR8C-S5 Datasheet HTML 7Page - Hynix Semiconductor HMP164U6EFR8C-S5 Datasheet HTML 8Page - Hynix Semiconductor HMP164U6EFR8C-S5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev. 0.3 / Nov. 2008
1
240pin DDR2 SDRAM Unbuffered DIMMs based on 1Gb E version
This Hynix unbuffered Dual In-Line Memory Module (DIMM) series consists of 1Gb version E DDR2
SDRAMs in Fine Ball Grid Array (FBGA) packages on a 240pin glass-epoxy substrate. This Hynix 1Gb
version E based DDR2 Unbuffered DIMM series provide a high performance 8 byte interface in 133.35mm
width form factor of industry standard. It is suitable for easy interchange and addition.
FEATURES
ORDERING INFORMATION
Part Name
Density
Org.
# of
DRAMs
# of
ranks
Materials
ECC
HMP164U6EFR8C-C4/Y5/S6/S5
512MB
64Mx64
4
1
Halogen free
None
HMP112U6EFR8C-C4/Y5/S6/S5
1GB
128Mx64
8
1
Halogen free
None
HMP112U7EFR8C-C4/Y5/S6/S5
1GB
128Mx72
9
1
Halogen free
ECC
HMP125U6EFR8C-C4/Y5/S6/S5
2GB
256Mx64
16
2
Halogen free
None
HMP125U7EFR8C-C4/Y5/S6/S5
2GB
256Mx72
18
2
Halogen free
ECC
JEDEC standard Double Data Rate2 Syn-
chrnous DRAMs (DDR2 SDRAMs) with 1.8V +/
- 0.1V Power Supply
All inputs and outputs are compatible with
SSTL_1.8 interface
8 Bank architecture
•Posted CAS
Programmable CAS Latency 3,4,5, 6
OCD (Off-Chip Driver Impedance Adjustment)
ODT (On-Die Termination)
Fully differential clock operations (CK & CK)
Programmable Burst Length 4 / 8 with both
sequential and interleave mode
Auto refresh and self refresh supported
8192 refresh cycles / 64ms
Serial presence detect with EEPROM
DDR2 SDRAM Package: 60ball
FBGA(128Mx8),
84ball FBGA(64Mx16)
133.35 x 30.00 mm form factor
RoHS compliant & Halogen-free


Similar Part No. - HMP164U6EFR8C-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP164S6EFR6C-C4 HYNIX-HMP164S6EFR6C-C4 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HMP164S6EFR6C-S5 HYNIX-HMP164S6EFR6C-S5 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HMP164S6EFR6C-S6 HYNIX-HMP164S6EFR6C-S6 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HMP164S6EFR6C-Y5 HYNIX-HMP164S6EFR6C-Y5 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
More results

Similar Description - HMP164U6EFR8C-S5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP164S6EFR6C-C4 HYNIX-HMP164S6EFR6C-C4 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMP164S64CP6-C4 HYNIX-HYMP164S64CP6-C4 Datasheet
521Kb / 23P
   1200pin Unbuffered DDR2 SDRAM SO-DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HYMD216646D6-K HYNIX-HYMD216646D6-K Datasheet
375Kb / 30P
   1184pin Unbuffered DDR SDRAM DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com