Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXS2UQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESDXS2UQ
Description  Double ESD protection diodes in SOT663 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESDXS2UQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESDXS2UQ_10 Datasheet HTML 3Page - NXP Semiconductors PESDXS2UQ_10 Datasheet HTML 4Page - NXP Semiconductors PESDXS2UQ_10 Datasheet HTML 5Page - NXP Semiconductors PESDXS2UQ_10 Datasheet HTML 6Page - NXP Semiconductors PESDXS2UQ_10 Datasheet HTML 7Page - NXP Semiconductors PESDXS2UQ_10 Datasheet HTML 8Page - NXP Semiconductors PESDXS2UQ_10 Datasheet HTML 9Page - NXP Semiconductors PESDXS2UQ_10 Datasheet HTML 10Page - NXP Semiconductors PESDXS2UQ_10 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PESDXS2UQ_SER_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 26 January 2010
7 of 13
NXP Semiconductors
PESDxS2UQ series
Double ESD protection diodes in SOT663 package
(1) PESD3V3S2UQ; VRWM =3.3 V
(2) PESD5V0S2UQ; VRWM =5V
IR is less than 15 nA at 150 °C for:
PESD12VS2UQ; VRWM =12V
PESD15VS2UQ; VRWM =15V
PESD24VS2UQ; VRWM =24V
Fig 7.
Relative variation of reverse leakage current as a function of junction temperature; typical values
001aaa729
1
10
10−1
Tj (°C)
−100
150
100
050
−50
IRM
IRM(25°C)
(1)
(2)


Similar Part No. - PESDXS2UQ_10

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXS2UQ_SER NEXPERIA-PESDXS2UQ_SER Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
More results

Similar Description - PESDXS2UQ_10

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXS2UQ_SER NEXPERIA-PESDXS2UQ_SER Datasheet
675Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04 - 26 January 2010
logo
NXP Semiconductors
PESDXS2UQ PHILIPS-PESDXS2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
PESDXS2UQ NXP-PESDXS2UQ Datasheet
304Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 03-11 September 2008
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
NXP Semiconductors
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD3V3S2UT-215 PHILIPS-PESD3V3S2UT-215 Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com