Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP125P7EFR8C-Y5 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HMP125P7EFR8C-Y5
Description  240pin Registered DDR2 SDRAM DIMMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP125P7EFR8C-Y5 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HMP125P7EFR8C-Y5 Datasheet HTML 5Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 6Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 7Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 8Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 9Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 10Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 11Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 12Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Rev. 0.3 / Oct. 2008
9
1
240pin Registered DDR2 SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
4GB(512Mbx72) : HMP151P7EFR8C
RDOT0
RCKE0
RS0
DQS0
DQS0
DQ7-0
DM0
DQS
DQS
DQ7-0
DM
D0
DQS
DQS
DQ7-0
DM
D9
RS1
DQS1
DQS1
DQ15-8
DM1
DQS
DQS
DQ7-0
DM
D1
DQS
DQS
DQ7-0
DM
D10
DQS2
DQS2
DQ23-16
DM2
DQS
DQS
DQ7-0
DM
D2
DQS
DQS
DQ7-0
DM
D11
DQS3
DQS3
DQ31-24
DM3
DQS
DQS
DQ7-0
DM
D3
DQS
DQS
DQ7-0
DM
D12
DQS4
DQS4
CB7-0
DM8
DQS
DQS
DQ7-0
DM
D4
DQS
DQS
DQ7-0
DM
D13
DQS4
DQS4
DQ39-32
DM4
DQS
DQS
DQ7-0
DM
D5
DQS
DQS
DQ7-0
DM
D14
DQS5
DQS5
DQ47-40
DM5
DQS
DQS
DQ7-0
DM
D6
DQS
DQS
DQ7-0
DM
D15
DQS6
DQS6
DQ55-48
DM6
DQS
DQS
DQ7-0
DM
D7
DQS
DQS
DQ7-0
DM
D16
DQS7
DQS7
DQ63-56
DM7
DQS
DQS
DQ7-0
DM
D8
DQS
DQS
DQ7-0
DM
D17
RDOT1
RCKE1
RS2
DQS
DQS
DQ7-0
DM
D18
DQS
DQS
DQ7-0
DM
D27
RS3
DQS
DQS
DQ7-0
DM
D19
DQS
DQS
DQ7-0
DM
D28
DQS
DQS
DQ7-0
DM
D20
DQS
DQS
DQ7-0
DM
D29
DQS
DQS
DQ7-0
DM
D21
DQS
DQS
DQ7-0
DM
D30
DQS
DQS
DQ7-0
DM
D22
DQS
DQS
DQ7-0
DM
D31
DQS
DQS
DQ7-0
DM
D23
DQS
DQS
DQ7-0
DM
D32
DQS
DQS
DQ7-0
DM
D24
DQS
DQS
DQ7-0
DM
D33
DQS
DQS
DQ7-0
DM
D25
DQS
DQS
DQ7-0
DM
D34
DQS
DQS
DQ7-0
DM
D26
DQS
DQS
DQ7-0
DM
D35
Serial PD
WP A0 A1 A2
SA0 SA1 SA2
SCL
SDA
D0–D35
D0–D35
VREF
SPD
VDD/VDDQ
VSS
D0–D35
VDDSPD
PCK7 -> CK: Register
PCK7 -> CK: Register
PCK0-PCK6, PCK8,PCK9
PCK0-PCK6, PCK8, PCK9
P
L
L
CK0
CK0
RESET
OE
-> CK: SDRAMs D0-D35
-> CK: SDRAMs D0-D35
RS0 -> CS: SDRAMs D0-D8, RS2 -> CS: SDRAMs D18-D26
S0,S2*
S1,S3*
BA0-BA2***
A0-A15***
RAS
CAS
WE
CKE0
CKE1
ODT1
ODT0
RESET**
PCK7**
PCK7**
RS1 -> CS: SDRAMs D9-D17,RS3 -> CS: SDRAMs D27-D35
RBA0-RBA2 -> BA0-BA2: SDRAMs D0-D35****
RA0-RA15 -> A0-A15: SDRAMs D0-D35****
RRAS -> RAS: SDRAMs D0-D35
RCAS -> CAS: SDRAMs D0-D35
RWE -> WE: SDRAMs D0-D35
RCKE0 -> CKE: SDRAMs D0-D17
RCKE1 -> CKE: SDRAMs D18-D35
RODT0 -> ODT0: SDRAMs D0-D8
RODT1 -> ODT1: SDRAMs D18-D26
1:2
R
E
G
I
S
T
E
R
RST
Register A2
PAR_IN
QERR
Err_Out
C1
C0
PPO
VDD
Vss
Signals for Address and Command
Register B2
PAR_IN
QERR
C1
C0
PPO
VDD
VDD
Register A1
PAR_IN
QERR
C1
C0
PPO
VDD
Vss
Register B1
PAR_IN
QERR
C1
C0
PPO
VDD
VDD
Parity Function
Register A1 and A2 share the a part of
Addr/Cmd input signal set.
Register B1 and B2 chare the rest part of
Addr/Cmd input signal set.
The resistors on Par_In, A13, A14. A15,BA2 and
the signal line of Err_Out refer to the section:
The egister Options for Unused Address inputs?
* S0 (S2) connects to DCS0, S1 (S3) to DCS1 on a Register A. S1 (S3) connects to DCS and S0 (S2) connects to CSR on another pair of Register.
* S2 and S3 have required upll up resistors (100k ohms), not indicated here.
** RESET, PCK7 and PCK7 connect to all Registers. Other signals connect to two of four Registers.
*** A13-15, BA2 have the optional pull down resistors(100K ohms), which is not indicated here.
**** For Raw Card N2, DQ stub resistor value is TBD.
And for Raw Card N2, post register A14 and A15 are not connected to the SDRAMs.


Similar Part No. - HMP125P7EFR8C-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP125P7EFR4C-C4 HYNIX-HMP125P7EFR4C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP125P7EFR4C-S5 HYNIX-HMP125P7EFR4C-S5 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP125P7EFR4C-S6 HYNIX-HMP125P7EFR4C-S6 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP125P7EFR4C-Y5 HYNIX-HMP125P7EFR4C-Y5 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
More results

Similar Description - HMP125P7EFR8C-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
HMP112V7EFR8C-C4 HYNIX-HMP112V7EFR8C-C4 Datasheet
552Kb / 24P
   240pin DDR2 VLP Registered DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com