Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP125P7EFR8C-Y5 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMP125P7EFR8C-Y5
Description  240pin Registered DDR2 SDRAM DIMMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP125P7EFR8C-Y5 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMP125P7EFR8C-Y5 Datasheet HTML 7Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 8Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 9Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 10Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 11Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 12Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 13Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 14Page - Hynix Semiconductor HMP125P7EFR8C-Y5 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Rev. 0.3 / Oct. 2008
11
1
240pin Registered DDR2 SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
8GB(1Gbx72): HMP31GP7EFR4C
RODT0
RCKE0
RS1
RS0
RODT1
RCKE1
RS3
RS2
RODT0
RCKE0
RS1
RS0
RODT1
RCKE1
RS3
RS2
RODT0
RCKE0
RS1
RS0
RODT1
RCKE1
RS3
RS2
DQS
DQS
DQ3~0
DM
D0
DQS0
DQS0
DQ3~0
RODT0
RCKE0
RS1
RS0
RODT1
RCKE1
RS3
RS2
DQS
DQS
DQ3~0
DM
D1
DQS
DQS
DQ3~0
DM
D2
DQS
DQS
DQ3~0
DM
D3
DQS
DQS
DQ3~0
DM
D8
DQS
DQS
DQ3~0
DM
D18
DQS
DQS
DQ3~0
DM
D19
DQS
DQS
DQ3~0
DM
D20
DQS
DQS
DQ3~0
DM
D21
DQS
DQS
DQ3~0
DM
D26
DQS
DQS
DQ3~0
DM
D9
DQS
DQS
DQ3~0
DM
D10
DQS
DQS
DQ3~0
DM
D11
DQS
DQS
DQ3~0
DM
D12
DQS
DQS
DQ3~0
DM
D17
DQS
DQS
DQ3~0
DM
D27
DQS
DQS
DQ3~0
DM
D28
DQS
DQS
DQ3~0
DM
D29
DQS
DQS
DQ3~0
DM
D35
DQS
DQS
DQ3~0
DM
D30
DQS
DQS
DQ3~0
DM
D4
DQS
DQS
DQ3~0
DM
D7
DQS
DQS
DQ3~0
DM
D22
DQS
DQS
DQ3~0
DM
D23
DQS
DQS
DQ3~0
DM
D24
DQS
DQS
DQ3~0
DM
D25
DQS
DQS
DQ3~0
DM
D13
DQS
DQS
DQ3~0
DM
D14
DQS
DQS
DQ3~0
DM
D15
DQS
DQS
DQ3~0
DM
D16
DQS
DQS
DQ3~0
DM
D31
DQS
DQS
DQ3~0
DM
D32
DQS
DQS
DQ3~0
DM
D33
DQS
DQS
DQ3~0
DM
D34
DQS
DQS
DQ3~0
DM
D5
DQS
DQS
DQ3~0
DM
D6
DQS1
DQS1
DQ11~8
DQS2
DQS2
DQ19~26
DQS3
DQS3
DQ27~24
DQS8
DQS8
CB3~0
DQS9
DQS9
DQ7~4
DQS10
DQS10
DQ15~12
DQS11
DQS11
DQ23~20
DQS12
DQS12
DQ31~28
DQS17
DQS17
CB7~4
DQS4
DQS4
DQ35~32
DQS5
DQS5
DQ43~40
DQS
DQS6
DQ51~48
DQS7
DQS7
DQ59~56
DQS13
DQS13
DQ39~36
DQS14
DQS14
DQ47~44
DQS15
DQS15
DQ55~52
DQS16
DQS16
DQ63~60
DQS
DQS
DQ3~0
D0
DM
RS0 -> CS0: SDRAMs D0-D17, RS2 -> CS0: SDRAMs D18-D35
S0,2*
S1,3**
BA0-BA2***
A0-A15***
RAS
CAS
WE
CKE0
CKE1
ODT0
ODT1
RESET
PCK7
PCK7
RS1 -> CS1: SDRAMs D0-D17, RS3 -> CS1: SDRAMs D18-D35
RBA-RBA2 -> BA0-BA1: SDRAMs D0-D35
RA0-RA13 -> A0-A13: SDRAMs D0-D35
RRAS -> RAS: SDRAMs D0-D35
RCAS -> CAS: SDRAMs D0-D35
RWE -> WE: SDRAMs D0-D35
RCKE0 -> CKE0-1: SDRAMs D0-D17
RCKE1 -> CKE0-1: SDRAMs D18-D35
RODT0 -> ODT1: SDRAMs D0-D17
RODT1 -> ODT1: SDRAMs D18-D35
*S0 connects to DCS0, S1 to DCS1 on the first register, S2 connects to DCS0, S3 to DCS1 on the second register.
** S2 and S3 have required pull up resistors (100K ohms), not indicated here.
*** A13-15, BA2 have optional pull down resistors (100K ohms), not indicated here.
1:2
R
E
G
I
S
T
E
R
PCK7 -> CK: Register
PCK7 -> CK: Register
PCK0-PCK6, PCK8, PCK9 -> CK: SDRAMs D0-D35
PCK0-PCK6, PCK8, PCK9 -> CK: SDRAMs D0-D35
P
L
L
RST
CK0
CK0
RESET
OE
Register
Register
PARIN
PTYERR
PARIN
PTYERR
PAR_IN
ERR_OUT
Serial PD
WP A0 A1 A2
SA0 SA1 SA2
SCL
SDA
100KΩ
0Ω
0Ω
22Ω
22Ω
22Ω


Similar Part No. - HMP125P7EFR8C-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP125P7EFR4C-C4 HYNIX-HMP125P7EFR4C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP125P7EFR4C-S5 HYNIX-HMP125P7EFR4C-S5 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP125P7EFR4C-S6 HYNIX-HMP125P7EFR4C-S6 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP125P7EFR4C-Y5 HYNIX-HMP125P7EFR4C-Y5 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
More results

Similar Description - HMP125P7EFR8C-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
HMP112V7EFR8C-C4 HYNIX-HMP112V7EFR8C-C4 Datasheet
552Kb / 24P
   240pin DDR2 VLP Registered DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com