Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5LS10216SZWTTQ1R Datasheet(PDF) 1 Page - Texas Instruments

Part # P5LS10216SZWTTQ1R
Description  16/32-BIT RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P5LS10216SZWTTQ1R Datasheet(HTML) 1 Page - Texas Instruments

  P5LS10216SZWTTQ1R Datasheet HTML 1Page - Texas Instruments P5LS10216SZWTTQ1R Datasheet HTML 2Page - Texas Instruments P5LS10216SZWTTQ1R Datasheet HTML 3Page - Texas Instruments P5LS10216SZWTTQ1R Datasheet HTML 4Page - Texas Instruments P5LS10216SZWTTQ1R Datasheet HTML 5Page - Texas Instruments P5LS10216SZWTTQ1R Datasheet HTML 6Page - Texas Instruments P5LS10216SZWTTQ1R Datasheet HTML 7Page - Texas Instruments P5LS10216SZWTTQ1R Datasheet HTML 8Page - Texas Instruments P5LS10216SZWTTQ1R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
www.ti.com
SPNS141 – MARCH 2010
TMS570LS Series 16/32-BIT RISC Flash Microcontroller
Check for Samples: TMS570LS20216, TMS570LS20206, TMS570LS10216, TMS570LS10206, TMS570LS10116, TMS570LS10106
1
TMS570LS Series 16/32-BIT RISC Flash Microcontroller
1.1
Features
12
• High-Performance Automotive Grade
• Communication Interfaces
Microcontroller for Safety Critical Applications
– Three Multi-buffered Serial Peripheral
– Certified for use in SIL3 Applications
Interface (MibSPI) each with:
– Dual CPU’s running in Lockstep
Four chip selects and one Enable pin
– ECC on Flash and SRAM
128 buffers with parity
– CPU and Memory BIST (Built-In Self Test)
One with parallel mode
– Error Signaling Module (ESM) w/ Error Pin
– Two UART (SCI) interfaces with Local
Interconnect Network Interface (LIN 2.0)
• ARM® Cortex™-R4F 32-Bit RISC CPU
– Three CAN (DCAN) Controller
– Efficient 1.6 DMIPS/MHz with 8-stage
pipeline
Two with 64 mailboxes, one with 32
– Floating Point Unit with Single/Double
Parity on mailbox RAM
Precision
– Dual Channel FlexRay™ Controller
– Memory Protection Unit (MPU)
8K-Byte message RAM with parity
– Open Architecture With Third-Party Support
Transfer Unit with MPU and parity
• Operating Features
• High-End Timer (nHET)
– Up to 160-MHz System Clock
– 32 Programmable I/O Channels
– Core Supply Voltage (VCC): 1.5 V
– 128 Words High-End Timer RAM with parity
– I/O Supply Voltage (VCCIO): 3.3 V
– Transfer Unit with MPU and parity
• Integrated Memory
• Two 12-Bit Multi-Buffered ADCs (MibADC)
– 1M-Byte or 2M-Byte Flash with ECC
– 24 total ADC Input channels
– 128K-Byte or 160K-Byte RAM with ECC
– Each has 64 Buffers with parity
• Multiple Communication interfaces including
• Trace and Calibration Interfaces
Flexray, CAN, and LIN
– Embedded Trace Module (ETMR4)
• NHET Timer and 2x 12-bit ADC's
– Data Modification Module (DMM)
• External Memory Interface (EMIF)
– RAM Trace Port (RTP)
– 16bit Data, 22bit Address, 4 Chip Selects
– Parameter Overlay Module (POM)
• Common TMS470/570 Platform Architecture
• On-Chip emulation logic including IEEE 1149.1
– Consistent Memory Map across the family
JTAG, Boundary Scan and ARM Coresight
– Real-Time Interrupt (RTI) OS Timer
components
– Vectored Interrupt Module (VIM)
• Full Development Kit Available
– Cyclic Redundancy Checker (CRC)
– Development Boards
• Direct Memory Access (DMA) Controller
– Code Composer Studio Integrated
Development Environment (IDE)
– 32 Control Packets and 16 Channels
– HaLCoGen Code Generation Tool
– Parity on Control Packet Memory
– HET Assembler and Simulator
– Dedicated Memory Protection Unit (MPU)
– nowFlash Flash Programming Tool
• Frequency-Modulated Zero-Pin Phase-Locked
Loop (FMZPLL)-Based Clock Module
• Packages Supported
– Oscillator and PLL clock monitor
– 144-Pin Quad Flatpack (PGE) [Green]
• Up to 115 Peripheral IO pins
– 337-Pin Ball Grid Array (ZWT) [Green]
– 16 Dedicated GIO - 8 w/ External Interrupts
• Community Resources
– Programmable External Clock (ECLK)
– TI E2E Community
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative
Copyright © 2010, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - P5LS10216SZWTTQ1R

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P5L150B PFC-P5L150B Datasheet
641Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150DS PFC-P5L150DS Datasheet
586Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150SP PFC-P5L150SP Datasheet
673Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L200B PFC-P5L200B Datasheet
644Kb / 5P
   5A 200V MOS Schottky Rectifier
P5L200SP PFC-P5L200SP Datasheet
723Kb / 5P
   5A 200V MOS Schottky Rectifier
More results

Similar Description - P5LS10216SZWTTQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com