Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMX1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PUMX1
Description  40 V, 100 mA NPN/NPN general-purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMX1 Datasheet(HTML) 5 Page - NXP Semiconductors

  PUMX1 Datasheet HTML 1Page - NXP Semiconductors PUMX1 Datasheet HTML 2Page - NXP Semiconductors PUMX1 Datasheet HTML 3Page - NXP Semiconductors PUMX1 Datasheet HTML 4Page - NXP Semiconductors PUMX1 Datasheet HTML 5Page - NXP Semiconductors PUMX1 Datasheet HTML 6Page - NXP Semiconductors PUMX1 Datasheet HTML 7Page - NXP Semiconductors PUMX1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PUMX1_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 20 January 2010
5 of 8
NXP Semiconductors
PUMX1
40 V, 100 mA NPN general-purpose double transistor
10. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PUMX1_4
20100120
Product data sheet
-
PUMX1_3
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
• Table 1 “Product overview”: added
• Section 1.2 “Features”: updated
• Section 1.3 “Applications”: amended
• Section 2 “Pinning information”: amended
• Figure 1: superseded by minimized package outline drawing
• Section 9 “Packing information”: added
• Section 11 “Legal information”: updated
PUMX1_3
19990414
Preliminary specification
-
PUMX1_2
PUMX1_2
19970709
Preliminary specification
-
PUMX1_1


Similar Part No. - PUMX1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMX1 PHILIPS-PUMX1 Datasheet
43Kb / 8P
   NPN general purpose double transistor
1999 Apr 14
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1 Datasheet
151Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Nexperia B.V. All right...
PUMX1 NEXPERIA-PUMX1 Datasheet
717Kb / 8P
   40 V, 100 mA NPN/NPN general-purpose transistor
Rev. 04 - 20 January 2010
logo
Unisonic Technologies
PUMX1-AL6-R UTC-PUMX1-AL6-R Datasheet
151Kb / 2P
   NPN GENERAL PURPOSE DUAL TRANSISTOR
More results

Similar Description - PUMX1

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMX1 NEXPERIA-PUMX1 Datasheet
717Kb / 8P
   40 V, 100 mA NPN/NPN general-purpose transistor
Rev. 04 - 20 January 2010
PMBS3904-Q NEXPERIA-PMBS3904-Q Datasheet
188Kb / 8P
   40 V, 100 mA NPN general-purpose transistor
7 October 2022
logo
NXP Semiconductors
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
BC847QAS NXP-BC847QAS Datasheet
204Kb / 13P
   45 V, 100 mA NPN/NPN general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
BC846BS NEXPERIA-BC846BS Datasheet
246Kb / 12P
   65 V, 100 mA NPN/NPN general-purpose transistor
1 July 2022
logo
NXP Semiconductors
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
logo
Nexperia B.V. All right...
BC847DS NEXPERIA-BC847DS Datasheet
1Mb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01 - 25 August 2009
BC847BS-Q NEXPERIA-BC847BS-Q Datasheet
241Kb / 11P
   45 V, 100 mA NPN/NPN general-purpose transistor
17 June 2021
logo
NXP Semiconductors
BC846BS NXP-BC846BS Datasheet
106Kb / 12P
   65 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01-24 August 2009
logo
Nexperia B.V. All right...
BC846BS-Q NEXPERIA-BC846BS-Q Datasheet
249Kb / 12P
   65 V, 100 mA NPN/NPN general-purpose transistor
17 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com