Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH38D16RNP-3R3MC Datasheet(PDF) 6 Page - Sumida Corporation

Part # CDRH38D16RNP-3R3MC
Description  Power Inductor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH38D16RNP-3R3MC Datasheet(HTML) 6 Page - Sumida Corporation

  CDRH38D16RNP-3R3MC Datasheet HTML 1Page - Sumida Corporation CDRH38D16RNP-3R3MC Datasheet HTML 2Page - Sumida Corporation CDRH38D16RNP-3R3MC Datasheet HTML 3Page - Sumida Corporation CDRH38D16RNP-3R3MC Datasheet HTML 4Page - Sumida Corporation CDRH38D16RNP-3R3MC Datasheet HTML 5Page - Sumida Corporation CDRH38D16RNP-3R3MC Datasheet HTML 6Page - Sumida Corporation CDRH38D16RNP-3R3MC Datasheet HTML 7Page - Sumida Corporation CDRH38D16RNP-3R3MC Datasheet HTML 8Page - Sumida Corporation CDRH38D16RNP-3R3MC Datasheet HTML 9Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH**D**R Series
◆ CDRH38D16R/HP
◆ CDRH38D16R/LD
0.75
0.23
0.26
351
±20%
33
±20%
CDRH38D16RLDNP-330MC
0.65
0.19
0.22
490
±20%
47
±20%
CDRH38D16RLDNP-470MC
0.45
0.15
0.18
867
±20%
68
±20%
CDRH38D16RLDNP-680MC
1.13
0.32
0.36
163
±20%
15
±20%
CDRH38D16RLDNP-150MC
0.90
0.28
0.32
248
±20%
22
±20%
CDRH38D16RLDNP-220MC
1.45
0.40
0.47
104
±20%
10
±20%
CDRH38D16RLDNP-100MC
0.35
0.12
0.15
1335
±20%
100
±20%
CDRH38D16RLDNP-101MC
0.56
0.69
0.81
1.01
1.14
1.54
(at 20
℃)
1.75
0.49
75
±25%
6.8
±20%
CDRH38D16RLDNP-6R8MC
2.00
0.59
55
±25%
4.7
±20%
CDRH38D16RLDNP-4R7MC
2.60
0.70
37
±25%
3.3
±20%
CDRH38D16RLDNP-3R3MC
3.00
0.88
30
±25%
2.2
±30%
CDRH38D16RLDNP-2R2NC
3.15
0.99
25
±25%
1.6
±30%
CDRH38D16RLDNP-1R6NC
3.80
1.31
18
±25%
0.9
±30%
CDRH38D16RLDNP-R90NC
(at 100
℃)
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R.
(m
Ω)
Inductance
( H)
Sumida P/N
0.50
0.38
0.45
694
±20%
33
±20%
CDRH38D16RHPNP-330MC
0.45
0.32
0.38
847
±20%
47
±20%
CDRH38D16RHPNP-470MC
0.30
0.27
0.32
1357
±20%
68
±20%
CDRH38D16RHPNP-680MC
1.00
0.56
0.66
216
±20%
15
±20%
CDRH38D16RHPNP-150MC
0.75
0.46
0.54
371
±20%
22
±20%
CDRH38D16RHPNP-220MC
1.15
0.72
0.84
156
±20%
10
±20%
CDRH38D16RHPNP-100MC
1.00
1.24
1.46
1.76
2.06
2.66
(at 20
℃)
1.35
0.85
112
±25%
6.8
±20%
CDRH38D16RHPNP-6R8MC
1.60
1.07
82
±25%
4.7
±20%
CDRH38D16RHPNP-4R7MC
1.95
1.22
59
±25%
3.3
±20%
CDRH38D16RHPNP-3R3MC
2.65
1.50
34
±25%
2.2
±30%
CDRH38D16RHPNP-2R2NC
2.95
1.76
29
±25%
1.6
±30%
CDRH38D16RHPNP-1R6NC
3.30
2.40
20
±25%
0.9
±30%
CDRH38D16RHPNP-R90NC
(at 100
℃)
Temperature
Rise Current
(A)
※2
Saturation Current
( A )
※1
D.C.R.
(m
Ω)
Inductance
( H)
Sumida P/N


Similar Part No. - CDRH38D16RNP-3R3MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH38D16RNP-3R3MC SUMIDA-CDRH38D16RNP-3R3MC Datasheet
210Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH38D16RNP-3R3MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com